Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2I9940L Datasheet(PDF) 9 Page - PulseCore Semiconductor

Part # ASM2I9940L
Description  Low Voltage 1:18 Clock Distribution Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2I9940L Datasheet(HTML) 9 Page - PulseCore Semiconductor

Back Button ASM2I9940L Datasheet HTML 5Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 6Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 7Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 8Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 9Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 10Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 11Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 12Page - PulseCore Semiconductor ASM2I9940L Datasheet HTML 13Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
April 2007
ASM2I9940L
rev 1.2
Low Voltage 1:18 Clock Distribution Chip
9 of 13
Notice: The information in this document is subject to change without notice.
TJ,MAX should be selected according to the MTBF
system requirements and Table 11. Rthja can be derived
from Table 12. The Rthja represent data based on 1S2P
boards, using 2S2P boards will result in a lower thermal
impedance than indicated below.
Table 12. Thermal package impedance of the
32LQFP
Convection,
LFPM
Rthja (1P2S
board), °C/W
Rthja (2P2S
board), °C/W
Still air
86
61
100 lfpm
76
56
200 lfpm
71
54
300 lfpm
68
53
400 lfpm
66
52
500 lfpm
60
49
If the calculated maximum frequency is below 250MHz, it
becomes the upper clock speed limit for the given
application conditions. The following eight derating charts
describe the safe frequency operation range for the
ASM2I9940L. The charts were calculated for a maximum
tolerable die junction temperature of 110
°C (120°C),
corresponding to an estimated MTBF of 9.1 years
(4 years), a supply voltage of 3.3V and series terminated
transmission line or capacitive loading. Depending on a
given set of these operating conditions and the available
device convection a decision on the maximum operating
frequency can be made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com