Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA301D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA301D
Description  350-mW MONO AUDIO POWER AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA301D Datasheet(HTML) 1 Page - Texas Instruments

  TPA301D Datasheet HTML 1Page - Texas Instruments TPA301D Datasheet HTML 2Page - Texas Instruments TPA301D Datasheet HTML 3Page - Texas Instruments TPA301D Datasheet HTML 4Page - Texas Instruments TPA301D Datasheet HTML 5Page - Texas Instruments TPA301D Datasheet HTML 6Page - Texas Instruments TPA301D Datasheet HTML 7Page - Texas Instruments TPA301D Datasheet HTML 8Page - Texas Instruments TPA301D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPA301
350-mW MONO AUDIO POWER AMPLIFIER
SLOS208C – JANUARY1998 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fully Specified for 3.3-V and 5-V Operation
D Wide Power Supply Compatibility
2.5 V – 5.5 V
D Output Power for RL = 8 Ω
– 350 mW at VDD = 5 V, BTL
– 250 mW at VDD = 3.3 V, BTL
D Ultra-Low Quiescent Current in Shutdown
Mode . . . 0.15
µA
D Thermal and Short-Circuit Protection
D Surface-Mount Packaging
– SOIC
– PowerPAD
™ MSOP
description
The TPA301 is a bridge-tied load (BTL) audio power amplifier developed especially for low-voltage applications
where internal speakers are required. Operating with a 3.3-V supply, the TPA301 can deliver 250-mW of
continuous power into a BTL 8-
Ω load at less than 1% THD+N throughout voice band frequencies. Although
this device is characterized out to 20 kHz, its operation was optimized for narrower band applications such as
cellular communications. The BTL configuration eliminates the need for external coupling capacitors on the
output in most applications, which is particularly important for small battery-powered equipment. This device
features a shutdown mode for power-sensitive applications with a quiescent current of 0.15
µA during shutdown.
The TPA301 is available in an 8-pin SOIC surface-mount package and the surface-mount PowerPAD MSOP,
which reduces board space by 50% and height by 40%.
Audio
Input
Bias
Control
VDD
350 mW
6
5
7
VO+
VDD
1
2
4
BYPASS
IN –
VDD/2
CI
RI
CS
1
µF
CB
0.1
µF
RF
SHUTDOWN
VO–8
GND
From System Control
3
IN+
–
+
–
+
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
IN+
IN–
VO–
GND
VDD
VO+
D OR DGN PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TPA301D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA301D TI-TPA301D Datasheet
701Kb / 25P
350-mW MONO AUDIO POWER AMPLIFIER
TPA301DG4 TI-TPA301DG4 Datasheet
701Kb / 25P
350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGN TI-TPA301DGN Datasheet
701Kb / 25P
350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGNG4 TI-TPA301DGNG4 Datasheet
701Kb / 25P
350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGNR TI-TPA301DGNR Datasheet
701Kb / 25P
350-mW MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA301D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA311 TI-TPA311 Datasheet
579Kb / 32P
350-mW MONO AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA321 TI-TPA321 Datasheet
479Kb / 24P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com