Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P2351AF-24ST Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM2P2351AF-24ST
Description  1-Line To 10-Line Clock Driver With 3-State Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2351AF-24ST Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM2P2351AF-24ST Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2351AF-24ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
November 2006
ASM2P2351AH
rev 0.3
1-Line To 10-Line Clock Driver With 3-State Outputs
2 of 12
Notice: The information in this document is subject to change without notice.
Pin Description
Pin #
Pin Name
Typ
Description
1
GND
P
Ground Pin
2
Y10
O
Output 10
3
VCC
P
Power Supply Pin
4
Y9
O
Output 9
5
OE
I
Output Enable Pin. When this pin is low, the outputs Y[1:10] are enabled
and when this pin is high , the outputs Y[1:10] are disabled.
6
A
I
Input Clock
7
P0
-
No Connect
8
P1
-
No Connect
9
Y8
O
Output 8
10
VCC
P
Power Supply
11
Y7
O
Output 7
12
GND
P
Ground Pin
13
GND
P
Ground Pin
14
Y6
O
Output 6
15
VCC
P
Power Supply
16
Y5
O
Output 5
17
GND
P
Ground Pin
18
Y4
O
Output 4
19
Y3
O
Output 3
20
GND
P
Ground Pin
21
Y2
O
Output 2
22
VCC
P
Power Supply
23
Y1
O
Output 1
24
GND
P
Ground Pin
Function Table
Inputs
Outputs
A
OE
In
L
H
Z
H
H
Z
L
L
L
H
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com