Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA302D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA302D
Description  300-mW STEREO AUDIO POWER AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA302D Datasheet(HTML) 1 Page - Texas Instruments

  TPA302D Datasheet HTML 1Page - Texas Instruments TPA302D Datasheet HTML 2Page - Texas Instruments TPA302D Datasheet HTML 3Page - Texas Instruments TPA302D Datasheet HTML 4Page - Texas Instruments TPA302D Datasheet HTML 5Page - Texas Instruments TPA302D Datasheet HTML 6Page - Texas Instruments TPA302D Datasheet HTML 7Page - Texas Instruments TPA302D Datasheet HTML 8Page - Texas Instruments TPA302D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TPA302
300-mW STEREO AUDIO POWER AMPLIFIER
SLOS174B – JANUARY 1997 – REVISE MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D 300-mW Stereo Output
D PC Power Supply Compatibility 5-V and
3.3-V Specified Operation
D Shutdown Control
D Internal Mid-Rail Generation
D Thermal and Short-Circuit Protection
D Surface-Mount Packaging
D Functional Equivalent of the LM4880
description
The TPA302 is a stereo audio power amplifier capable of delivering 250 mW of continuous average power into
an 8-
Ω load at less than 0.06% THD+N from a 5-V power supply or up to 300 mW at 1% THD+N. The TPA302
has high current outputs for driving small unpowered speakers at 8
Ω or headphones at 32 Ω. For headphone
applications driving 32-
Ω loads, the TPA302 delivers 60 mW of continuous average power at less than 0.06%
THD + N. The amplifier features a shutdown function for power-sensitive applications as well as internal thermal
and short-circuit protection. The amplifier is available in an 8-pin SOIC (D) package that reduces board space
and facilitates automated assembly.
typical application circuit
Audio
Input
Bias
Control
6
1
5
7
VO1
VO2
VDD
2
8
3
4
IN 1
BYPASS
SHUTDOWN
VDD/2
CI
RI
RF
CB
CS
Audio
Input
CI
RI
IN 2
VDD
–
+
–
+
CC
CC
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
VO1
SHUTDOWN
BYPASS
IN2
IN1
GND
VDD
VO2
D PACKAGE
(TOP VIEW)


Similar Part No. - TPA302D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA302D TI-TPA302D Datasheet
487Kb / 22P
300-mW STEREO AUDIO POWER AMPLIFIER
TPA302D TI2-TPA302D Datasheet
626Kb / 25P
300-mW STEREO AUDIO POWER AMPLIFIER
REVISED JUNE 2004
TPA302D.A TI2-TPA302D.A Datasheet
626Kb / 25P
300-mW STEREO AUDIO POWER AMPLIFIER
REVISED JUNE 2004
TPA302DG4 TI-TPA302DG4 Datasheet
487Kb / 22P
300-mW STEREO AUDIO POWER AMPLIFIER
TPA302DR TI-TPA302DR Datasheet
487Kb / 22P
300-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA302D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA112 TI-TPA112 Datasheet
472Kb / 28P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA302 TI-TPA302_07 Datasheet
487Kb / 22P
300-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
75-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
150-mW Stereo Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com