Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P623S01B Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P623S01B
Description  Timing-Safe??Peak EMI reduction IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P623S01B Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P623S01B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P623S01B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P623S01B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P623S01B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P623S01B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P623S01B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P623S01B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P623S01B Datasheet HTML 8Page - PulseCore Semiconductor ASM3P623S01B Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
May 2007
ASM3P623S01B/C/J
rev 0.4
Timing-Safe™ Peak EMI Reduction IC
2 of 12
Notice: The information in this document is subject to change without notice.
SS%
1
2
3
4
5
6
7
8
SSON
CLKIN
VDD
CLKOUT
GND
CLKOUT2
ASM3P623S01B/C
CLKOUT1
SS%
1
2
3
4
5
6
7
8
SSON
XIN/CLKIN
VDD
CLKOUT
GND
CLKOUT1
ASM3P623S01J
XOUT
Spread Spectrum Frequency Generation
The clocks in digital systems are typically square waves
with a 50% duty cycle and as frequencies increase the
edge rates also get faster. Analysis shows that a square
wave is composed of fundamental frequency and
harmonics. The fundamental frequency and harmonics
generate the energy peaks that become the source of
EMI. Regulatory agencies test electronic equipment by
measuring the amount of peak energy radiated from the
equipment. In fact, the peak level allowed decreases as
the frequency increases. The standard methods of
reducing EMI are to use shielding, filtering, multi-layer
PCBs etc. These methods are expensive. Spread
spectrum clocking reduces the peak energy by reducing
the Q factor of the clock. This is done by slowly
modulating
the
clock
frequency.
The
ASM3P623S01B/C/J uses the center modulation spread
spectrum technique in which the modulated output
frequency varies above and below the reference
frequency with a specified modulation rate. With center
modulation, the average frequency is the same as the
unmodulated frequency and there is no performance
degradation
Timing-Safe™ technology
Timing-Safe™ technology is the ability to modulate a
clock source with Spread Spectrum technology and
maintain synchronization with any associated data path.
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com