Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P623S05 Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3P623S05
Description  Timing-Safe??Peak EMI reduction IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P623S05 Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3P623S05 Datasheet HTML 1Page - PulseCore Semiconductor ASM3P623S05 Datasheet HTML 2Page - PulseCore Semiconductor ASM3P623S05 Datasheet HTML 3Page - PulseCore Semiconductor ASM3P623S05 Datasheet HTML 4Page - PulseCore Semiconductor ASM3P623S05 Datasheet HTML 5Page - PulseCore Semiconductor ASM3P623S05 Datasheet HTML 6Page - PulseCore Semiconductor ASM3P623S05 Datasheet HTML 7Page - PulseCore Semiconductor ASM3P623S05 Datasheet HTML 8Page - PulseCore Semiconductor ASM3P623S05 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
May 2007
ASM3P623S05/09A/B
rev 0.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200 Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Timing-Safe™ Peak EMI reduction IC
General Features
•
Clock distribution with Timing-Safe™ Peak EMI
Reduction
•
Input frequency range: 20MHz - 50MHz
•
Zero input - output propagation delay
•
Low-skew outputs
• Output-output skew less than 250pS
• Device-device skew less than 700pS
•
Less than 200pS cycle-to-cycle jitter is compatible
with Pentium
® based systems
•
Available in 16pin, 150mil SOIC, 4.4mm TSSOP
(ASM3P623S09A/B), and in 8pin, 150 mil SOIC,
4.4mm TSSOP Packages (ASM3P623S05A/B)
•
3.3V Operation
•
Advanced CMOS technology
•
The First True Drop-in Solution
Functional Description
ASM3P623S05/09A/B is a versatile, 3.3V zero-delay buffer
designed to distribute high-speed Timing-Safe™ clocks
with Peak EMI Reduction. ASM3P623S09A/B accepts one
reference input and drives out nine low-skew clocks. It is
available in a 16pin Package. The ASM3P623S05A/B is
the eight-pin version and accepts one reference input and
drives out five low-skew clocks.
All parts have on-chip PLLs that lock to an input clock on
the CLKIN pin. The PLL feedback is on-chip and is
obtained from the CLKOUT pad, internal to the device.
Multiple ASM3P623S05/09A/B devices can accept the
same input clock and distribute it. In this case, the skew
between the outputs of the two devices is guaranteed to be
less than 700pS.
All outputs have less than 200pS of cycle-to-cycle jitter.
The input and output propagation delay is guaranteed to be
less than ±350pS, and the output-to-output skew is
guaranteed to be less than 250pS.
Refer
“Spread Spectrum Control and Input-Output Skew
Table”
for
deviations
and
Input-Output
Skew
for
ASM3P623S05A/B and ASM3P623S09A/B devices
The
ASM3P623S05A/B
and
ASM3P623S09A/B
are
available in two different packages, as shown in the
ordering information table.
Block Diagram
ASM3P623S09A/B
PLL
MUX
CLKOUT
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Select Input
Decoding
S2
S1
CLKIN
PLL
CLKOUT
CLK1
CLK2
CLK3
CLK4
ASM3P623S05A/B
CLKIN


Similar Part No. - ASM3P623S05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3P623S05A ONSEMI-ASM3P623S05A Datasheet
197Kb / 11P
Peak EMI Reduction IC
July 2010 ??Rev. 1
More results

Similar Description - ASM3P623S05

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
Timing-Safe??Peak EMI reduction IC
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
Timing-Safe??Peak EMI reduction IC
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3P623Z05A PULSECORE-PCS3P623Z05A Datasheet
551Kb / 15P
Timing-Safe??Peak EMI reduction IC
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com