Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2182A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P2182A
Description  LCD Panel EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2182A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2182A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2182A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
August 2007
ASM3P2182A
rev 1.5
LCD Panel EMI Reduction IC
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN
I
Connect to externally generated clock signal.
2
GND
P
Ground to entire chip.
3
S1
I
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
4
S0
I
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
5
ModOUT
O
Spread spectrum low EMI output.
6
VDD
P
Power supply for the entire chip (3.3V).
7
FS0
I
Frequency range select. Digital logic input used to select frequency range
(Refer Input Frequency and Modulation Rate Table).
This pin has an internal pull-up resistor.
8
FS1
I
Frequency range select. Digital logic input used to select frequency range
(Refer Input Frequency and Modulation Rate Table).
This pin has an internal pull-up resistor.
Input Frequency and Modulation Rate table
FS1 (pin 8)
FS0 (pin 7)
Frequency Range
0
0
25MHz to 50MHz
0
1
50MHz to 103MHz
1
0
75MHz to 150MHz
1
1
160MHz to 210MHz
1
2
3
4
5
6
7
8
ASM3P2182A
CLKIN
GND
S1
S0
ModOUT
VDD
FS0
FS1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com