Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2183A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2183A
Description  EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2183A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2183A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2183A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2183A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2183A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2183A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2183A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2183A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2183A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
March 2007
ASM3P2183A
rev 1.7
EMI Reduction IC
3 of 8
Notice: The information in this document is subject to change without notice.
Input Frequency and Modulation Rate Table
FS1 (pin 8)
FS0 (pin 7)
Frequency Range
0
0
6MHz to 13MHz
0
1
12MHz to 25MHz
1
0
25MHz to 50MHz
1
1
50MHz to 90MHz
Spread Deviation Selection Table
SS% (pin 4)
Spread Deviation (%)
0
- 1.25
1
± 0.42
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Units
TA
Operating Temperature
0
+70
°C
VDD
Core Voltage
+3.0
+3.3
+3.6
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com