Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2187A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P2187A
Description  Spread Spectrum Clock Generator for Mobile Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2187A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2187A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2187A Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
May 2008
ASM3P2187A/B
rev 0.2
Spread Spectrum Clock Generator for Mobile Applications
2 of 9
Notice: The information in this document is subject to change without notice.
Pin Configurations
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN/XIN
I
External reference Clock input or Crystal connection.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left
unconnected.
3
SSON / PDB*
I
Modulation enable pin/ Power down pin. Has an Internal pull up resistor
4
SEL
I
Modulation rate setting pin
Centre spread, SEL = “L” : Frequency Deviation ± 0.5%
Centre spread, SEL = “H” : Frequency Deviation ± 1.0%
Has an Internal pull up resistor.
5
REFOUT
O
Non-modulated clock output pin. The Frequency is same as input
frequency. This pin becomes to “L” at power-down.
6
VSS
P
Ground Connection. Connect to system ground.
7
ModOUT
O
Modulated clock output pin
This pin becomes to“L” at power-down.
8
VDD
P
Power Supply Voltage Pin. Connect to +3.3V.
* SSON Pin is available in ASM3P2187A Device and PDB Pin is available in ASM3P2187B Device
6
REFOUT
1
2
3
4
5
8
ASM3P2187A
CLKIN/ XIN
XOUT
SEL
ModOUT
VSS
SSON
VDD
7
6
REFOUT
1
2
3
4
5
7
8
ASM3P2187B
CLKIN/ XIN
XOUT
SEL
ModOUT
VSS
PDB
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com