Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3I622S00AG-08-SR Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # ASM3I622S00AG-08-SR
Description  Low Frequency Timing-Safe??Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I622S00AG-08-SR Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button ASM3I622S00AG-08-SR Datasheet HTML 4Page - PulseCore Semiconductor ASM3I622S00AG-08-SR Datasheet HTML 5Page - PulseCore Semiconductor ASM3I622S00AG-08-SR Datasheet HTML 6Page - PulseCore Semiconductor ASM3I622S00AG-08-SR Datasheet HTML 7Page - PulseCore Semiconductor ASM3I622S00AG-08-SR Datasheet HTML 8Page - PulseCore Semiconductor ASM3I622S00AG-08-SR Datasheet HTML 9Page - PulseCore Semiconductor ASM3I622S00AG-08-SR Datasheet HTML 10Page - PulseCore Semiconductor ASM3I622S00AG-08-SR Datasheet HTML 11Page - PulseCore Semiconductor ASM3I622S00AG-08-SR Datasheet HTML 12Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
May 2007
ASM3P622S00A/B/J/E/K
rev 0.4
Low Frequency Timing-Safe™ Peak EMI Reduction IC
8 of 16
Notice: The information in this document is subject to change without notice.
Input-Output Skew
Test Circuit
A Typical example of Timing-Safe™ waveform
VDD
GND
CLKOUT
LOAD
OUTPUT
0.1uF
+3.3V
0.1uF
+3.3V
VDD
TSKEW -
One clock cycle
N=1
TSKEW+
Input
Timing-Safe™
Output
TSKEW represents input-output skew
when spread spectrum is ON
For example,
TSKEW = ± 0.125 for an
Input clock12MHz, translates in to
(1/12MHz) * 0.125=10.41nS
Input
CLKOUT with SSOFF
Input
Timing-Safe™ CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com