Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3I622S00AG-08-TT Datasheet(PDF) 12 Page - PulseCore Semiconductor

Part # ASM3I622S00AG-08-TT
Description  Low Frequency Timing-Safe??Peak EMI reduction IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3I622S00AG-08-TT Datasheet(HTML) 12 Page - PulseCore Semiconductor

Back Button ASM3I622S00AG-08-TT Datasheet HTML 8Page - PulseCore Semiconductor ASM3I622S00AG-08-TT Datasheet HTML 9Page - PulseCore Semiconductor ASM3I622S00AG-08-TT Datasheet HTML 10Page - PulseCore Semiconductor ASM3I622S00AG-08-TT Datasheet HTML 11Page - PulseCore Semiconductor ASM3I622S00AG-08-TT Datasheet HTML 12Page - PulseCore Semiconductor ASM3I622S00AG-08-TT Datasheet HTML 13Page - PulseCore Semiconductor ASM3I622S00AG-08-TT Datasheet HTML 14Page - PulseCore Semiconductor ASM3I622S00AG-08-TT Datasheet HTML 15Page - PulseCore Semiconductor ASM3I622S00AG-08-TT Datasheet HTML 16Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
May 2007
ASM3P622S00A/B/J/E/K
rev 0.4
Low Frequency Timing-Safe™ Peak EMI Reduction IC
12 of 16
Notice: The information in this document is subject to change without notice.
16-lead TSSOP (4.40-MM Body)
E
H
D
A
A1
B
e
θ
L
C
A2
PIN 1 ID
1
8
9
16
Seating Plane
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.043
1.20
A1
0.002
0.006
0.05
0.15
A2
0.031
0.041
0.80
1.05
B
0.007
0.012
0.19
0.30
C
0.004
0.008
0.09
0.20
D
0.193
0.201
4.90
5.10
E
0.169
0.177
4.30
4.50
e
0.026 BSC
0.65 BSC
H
0.252 BSC
6.40 BSC
L
0.020
0.030
0.50
0.75
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com