Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2780AF-08ST Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM3P2780AF-08ST
Description  Low Power Peak EMI Reducing Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2780AF-08ST Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM3P2780AF-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2780AF-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2780AF-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2780AF-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2780AF-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2780AF-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2780AF-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2780AF-08ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2780AF-08ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
November
2006
ASM3P2780A
rev 1.6
Low Power Peak EMI Reducing Solution
4 of 12
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics for 2.5V Supply
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
-
-35
µA
IIH
Input high current
-
-
35
µA
IXOL
XOUT output low current (@0.6V, VDD=2.5V)
-
3
-
mA
IXOH
XOUT output high current (@1.8V, VDD=2.5V)
-
3
-
mA
VOL
Output low voltage (VDD = 2.5 V, IOL = 8mA)
-
-
0.6
V
VOH
Output high voltage (VDD = 2.5 V, IOH = 8mA)
1.8
-
-
V
IDD
Static supply current*
-
-
10
uA
ICC
Dynamic supply current (2.5V, 46MHz and no load)
-
4.0
-
mA
VDD
Operating Voltage
2.375
2.5
2.625
V
tON
Power-up time (first locked cycle after power-up)**
-
-
5
mS
ZOUT
Output impedance
-
50
-
Ω
* XIN /CLKIN pin and PD pin are pulled low
** VDD and XIN/CLKIN input are stable, PD pin is made high from low.
AC Electrical Characteristics for 2.5V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
30
-
50
MHz
ModOUT
Output frequency
30
-
50
MHz
Input Frequency = 30MHz
-
± 1.10
-
fd
Frequency Deviation
Input Frequency = 50MHz
-
± 0.65
-
%
tLH*
Output rise time (measured from 0.7V to 1.7V)
0.7
1.3
1.6
nS
tHL*
Output fall time (measured from 1.7V to 0.7V)
0.4
0.8
1.0
nS
tJC
Jitter (cycle to cycle)
-
-
200
pS
tD
Output duty cycle
45
50
55
%
* tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com