Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2853A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P2853A
Description  Peak EMI Reducing Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2853A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2853A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2853A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2853A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2853A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2853A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2853A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2853A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2853A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Peak EMI Reducing Solution
2 of 8
November 2006
ASM3P2853A
rev 1.3
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin
Name
Type
Description
1
XIN
I
Connection to crystal or external reference frequency input. This pin has dual
functions. It can be connected either to an external crystal or an external
reference clock.
2
XOUT
O
Connection to crystal. If using an external reference clock, this pin must be left
unconnected.
3
VDD
P
Power supply for the analog and digital blocks
4
VSS
P
Ground to entire chip.
5
PWDNB
I
Power-down control pin. Pull low to enable the power-down mode. Connect to
VDD, if not used.
6
SSONB
I
Digital logic input used to enable spread spectrum function (Active LOW).
Spread spectrum is enabled when LOW, disabled when HIGH.
7
USB
Clock
O
Clock output -1 (48MHz unmodulated)
8
50MHz
O
Clock output -2 (50MHz modulated)
50MHz
VSS
XOUT
XIN
VDD
8
7
6
5
1
2
3
4
ASM3P2853A
PWDNB
SSONB
USB Clock



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com