Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2854B Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P2854B
Description  Custom Clock Generator for Fax System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2854B Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2854B Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2854B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
March 2007
ASM3P2854B
rev 0.2
Custom Clock Generator for Fax System
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Diagram
Pin Description
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or an external reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
VDD
P
Power supply for the core
4
VDD_FOUT
P
Power supply for the output buffers.
5
GND_FOUT
P
Ground connection for the output buffers
6
GND
P
Ground connection
7
48MHz
O
48MHz Clock Output
8
12MHz
O
12MHz Clock Output
9
33.3MHz
O
33.3 MHz low EMI Clock Output
10
33.3MHz
O
33.3 MHz low EMI Clock Output
11
S1
I
Selection Bit for Programmable Clock .See the PCLK Selection Table for details
12
66.6MHz
O
66.6 MHz low EMI Clock Output
13
66.6MHz
O
66.6 MHz low EMI Clock Output
14
S2
I
Selection Bit for Programmable Clock .See the PCLK Selection Table for details
15
PCLK
O
Programmable Clock Output
16
25MHz
O
25 MHz low EMI Clock Output
PCLK
33.3MHz SSCLK
1
2
3
4
13
14
15
16
5
6
7
8
9
10
11
12
S2
33.3MHz SSCLK
S1
66.6MHz SSCLK
25MHz SSCLK
66.6MHz SSCLK
12MHz
VDD
VDD_FOUT
GND
48MHz
XOUT
XIN / CLKIN
ASM3P2854B
GND_FOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com