Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2856A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM3P2856A
Description  Custom Clock generator for LCD Projector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2856A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM3P2856A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2856A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ASM3P2856A
November 2006
ASM3P2856B
rev 0.1
Notice: The information in this document is subject to change without notice.
Custom Clock generator for LCD Project
2 of 8
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Connection to crystal or external reference frequency input. This pin has dual
functions. It can be connected either to an external crystal or an external
reference clock.
2
XOUT
O
Connection to crystal. If using an external reference clock, this pin must be left
unconnected.
3
VDD
P
Power supply for the entire Chip
4
VDD
P
Power supply for the entire Chip
5
GND
P
Ground to entire chip
6
GND
P
Ground to entire chip
7
CLK1
O
27.002 MHz Clock output. Refer to Input & Output Frequency Table for details.
8
CLK2
O
Reference Clock Output. Refer to Input & Output Frequency Table for details.
9
CLK3
O
65 MHz non-spread Clock output. Refer to Input & Output Frequency Table for
details.
10
CLK4
O
65 MHz Spread Spectrum Clock Output. Refer to Input & Output Frequency
Table for details.
11
CLK5
O
65 MHz Spread Spectrum Clock Output. Refer to Input & Output Frequency
Table for details.
NC
-
No Connection for ASM3P2856A
12
SS%
I
Spread percentage selection pin for ASM3P2856B. Refer to Spread Selection
Table for details. Has an internal pull down resistor
NC
-
No Connection for ASM3P2856A
13
SSON
I
Spread spectrum selection. When SSON is HIGH, spread spectrum is enabled
and when LOW, it turns off the spread spectrum. Connect the pin to ground
When Spread Spectrum feature is not required. Has an internal pull up resistor.
14
GND
P
Ground to entire chip
15
NC
-
No Connection
16
VDD
P
Power supply for the entire Chip
CLK4
XOUT
XIN
VDD
16
15
14
5
1
2
3
4
ASM3P2856A
CLK1
CLK3
5
6
7
8
9
10
11
12
13
VDD
GND
GND
CLK2
CLK5
NC
NC
GND
NC
VDD
CLK4
XOUT
XIN
VDD
16
15
14
5
1
2
3
4
ASM3P2856B
CLK1
CLK3
5
6
7
8
9
10
11
12
13
VDD
GND
GND
CLK2
CLK5
SS%
SSON
GND
NC
VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com