Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM3P2879A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2879A
Description  Low Power Peak Reducing EMI Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2879A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2879A Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2879A Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2879A Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2879A Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2879A Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2879A Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2879A Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2879A Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2879A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
January 2007
ASM3P2879A
rev 1.5
Low Power Peak EMI Reducing Solution
3 of 12
Notice: The information in this document is subject to change without notice.
Modulation Profile
Specifications
Description
Specification
For 2.5V Supply
13MHz < CLKIN < 30MHz
Frequency Range
For 3.3V Supply
13MHz < CLKIN < 30MHz
Modulation Equation
FIN/640
Frequency Deviation
±1% @ 24MHz
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +4.6
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
-40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com