Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM802M Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM802M
Description  關P Power Supply Supervisor With Battery Backup Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM802M Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM802M Datasheet HTML 2Page - PulseCore Semiconductor ASM802M Datasheet HTML 3Page - PulseCore Semiconductor ASM802M Datasheet HTML 4Page - PulseCore Semiconductor ASM802M Datasheet HTML 5Page - PulseCore Semiconductor ASM802M Datasheet HTML 6Page - PulseCore Semiconductor ASM802M Datasheet HTML 7Page - PulseCore Semiconductor ASM802M Datasheet HTML 8Page - PulseCore Semiconductor ASM802M Datasheet HTML 9Page - PulseCore Semiconductor ASM802M Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ASM690A/692A
ASM802L/802M
April 2008
ASM805L
rev 1.7
µP Power Supply Supervisor With Battery Backup Switch
6 of 15
Notice: The information in this document is subject to change without notice.
Power-Fail Comparator
The Power Fail feature is an independent voltage
monitoring function that can be used for any number of
monitoring activities. The PFI function can provide an
early sensing of power supply failure by sensing the
voltage of the unregulated DC ahead of the regulated
supply sensing seen by the backup-battery switchover
circuitry. The PFI pin is compared to a 1.25V internal
reference. If the voltage at the PFI pin is less than this
reference voltage, the PFO pin goes low. By sensing the
voltage of the raw DC power supply, the microprocessor
system can prepare for imminent power-loss, especially if
the battery backup supply is not enabled. The input
voltage at the PFI pin results from a simple resistor
voltage divider as shown in Figure 6.
Power Fail Hysteresis
A noise margin can be added to the simple monitoring
circuit of Figure 6 by adding positive feedback from the
PFO pin. The circuit of Figure 7 adds this positive
“latching” effect by means of an additional resistor R3
connected between PFO and PFI which helps in pulling
PFI in the direction of PFO and eliminating an indecision
at the trip point. Resistor R3 is normally about 10 times
higher in resistance than R2 to keep the hysteresis band
reasonable and should be larger than 10k
Ω to avoid
excessive loading on the PFO pin. The calculations for
the correct values of resistors to set the hysteresis
thresholds are given in Figure 7. A capacitor can be
added to offer additional noise rejection by low-pass
filtering.
Monitoring Capabilities Of The Power-fail Input:
Although designed for power supply failure monitoring,
the PFI pin can be used for monitoring any voltage
condition that can be scaled by means of a resistive
divider. An example is the negative power supply monitor
configured in Figure 8. In this case a good negative
supply will hold the PFI pin below 1.25V and the PFO pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com