Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM708 Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM708
Description  Low Power 關P Supervisor Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM708 Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM708 Datasheet HTML 1Page - PulseCore Semiconductor ASM708 Datasheet HTML 2Page - PulseCore Semiconductor ASM708 Datasheet HTML 3Page - PulseCore Semiconductor ASM708 Datasheet HTML 4Page - PulseCore Semiconductor ASM708 Datasheet HTML 5Page - PulseCore Semiconductor ASM708 Datasheet HTML 6Page - PulseCore Semiconductor ASM708 Datasheet HTML 7Page - PulseCore Semiconductor ASM708 Datasheet HTML 8Page - PulseCore Semiconductor ASM708 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ASM705/706/707/708
April 2008
ASM813L
rev 1.6
Low Power µP Supervisor Circuits
5 of 15
Notice: The information in this document is subject to change without notice.
WDO will also become LOW and remain so, whenever
the supply voltage, VCC , falls below the device threshold
level. WDO goes HIGH as soon as VCC transitions above
the threshold. There is no minimum pulse width for WDO
as there is for the RESET outputs. If WDI is floated, WDO
essentially acts as a low-power output indicator.
Application Information
Ensuring That RESET is Valid Down to VCC = 0V
When VCC falls below 1.1V, the ASM705-708 RESET
output no longer pulls down; it becomes indeterminate.
To avoid the possibility that stray charges build up and
force RESET to the wrong state, a pull-down resistor
should be connected to the RESET pin, thus draining
such charges to ground and holding RESET low. The
resistor value is not critical. A 100kΩ resistor will pull
RESET to ground without loading it.
Bi-directional Reset Pin Interfacing
The ASM705/6/7/8 can interface with µP/µC bi-directional
reset pins by connecting a 4.7kΩ resistor in series with
the RESET output and the µP/µC bi-directional RESET
pin.
Monitoring Voltages Other Than VCC
The ASM705-708 can monitor voltages other than VCC
using the Power Fail circuitry. If a resistive divider is
connected from the voltage to be monitored to the Power
Fail input (PFI), the PFO will go LOW if the voltage at PFI
goes below 1.25V reference. Should hysteresis be
desired, connect a resistor (equal to approximately 10
times the sum of the two resistors in the divider) between
the PFI and PFO pins. A capacitor between PFI and GND
will reduce circuit sensitivity to input high-frequency
noise. If it is desired to assert a RESET for voltages other
than VCC then the PFO output is to be connected to the
MR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com