Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1834 Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM1834
Description  Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM1834 Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM1834 Datasheet HTML 1Page - PulseCore Semiconductor ASM1834 Datasheet HTML 2Page - PulseCore Semiconductor ASM1834 Datasheet HTML 3Page - PulseCore Semiconductor ASM1834 Datasheet HTML 4Page - PulseCore Semiconductor ASM1834 Datasheet HTML 5Page - PulseCore Semiconductor ASM1834 Datasheet HTML 6Page - PulseCore Semiconductor ASM1834 Datasheet HTML 7Page - PulseCore Semiconductor ASM1834 Datasheet HTML 8Page - PulseCore Semiconductor ASM1834 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
Notice: The information in this document is subject to change without notice
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
ASM1834/A/D
November 2006
rev 1.5
Block Diagram
Pin Configuration
Pin Description
Pin #
Pin Name
Function
1
5VIN
5V power supply input.
2
5V RESET
5V RESET
5V reset output (Active LOW, ASM1834, ASM1834A. Open drain outputs for ASM1834A).
5V reset output (Active HIGH, AS1834D).
35V TOL
5V input tolerance select: 10% tolerance for 5VTOL= 5VIN and 5% tolerance for 5VTOL = GND
4
GND
Ground.
5
PBRST
Debounced manual pushbutton reset input (40k
Ω internal pull-up).
63.3V TOL
3.3V input tolerance select: 20% tolerance for 3.3VTOL = 3.3VIN and 10% tolerance for
3.3VTOL=GND.
7
3.3V RESET
3.3V RESET
3.3V reset output (Active LOW, ASM1834, ASM1834A. Open drain outputs for ASM1834A).
3.3V reset output (Active HIGH, AS1834D).
8
3.3VIN
3.3V power supply input.
1
2
3
4
5
6
7
8
5VIN
5V RESET *
5V TOL
GND
3.3VIN
3.3V RESET *
PBRST
3.3V TOL
ASM1834
ASM1834A
ASM1834D
* AS1834D reset outputs are active HIGH (5V RESET and 3.3V RESET)
Outputs are open-drain for AS1834A.
5V Tolerance
Bias
Low TC
3.3V Tolerance
Pushbutton Level
For ASM1834D
350ms Delay
5 VIN
5 VTOL
PBRST
3.3 VIN
3.3 VTOL
GND
3.3V RESET
3.3V RESET (ASM1834D)
5V RESET
5V RESET
ASM1834
350ms Delay
Reference
Bias
Sense and Debounce
For ASM1834D
-
+
-
ASM1834A
5V RESET
3.3V RESET
40k
Ω
(ASM1834D)
+
1
3
5
8
6
4
7
2
2
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com