Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2180 Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P2180
Description  Peak Reducing EMI Solution
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2180 Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P2180 Datasheet HTML 1Page - PulseCore Semiconductor P2180 Datasheet HTML 2Page - PulseCore Semiconductor P2180 Datasheet HTML 3Page - PulseCore Semiconductor P2180 Datasheet HTML 4Page - PulseCore Semiconductor P2180 Datasheet HTML 5Page - PulseCore Semiconductor P2180 Datasheet HTML 6Page - PulseCore Semiconductor P2180 Datasheet HTML 7Page - PulseCore Semiconductor P2180 Datasheet HTML 8Page - PulseCore Semiconductor P2180 Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low EMI Clock for Mobile VGA
2 of 9
November 2006
P2180 / 81 / 82 / 83 / 84
rev 1.1
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Diagram
Pin Description
Pin#
Pin Name
Type
Description
1
XIN
I
Connect to externally generated clock signal or crystal.
2
NC
No connect.
3
VSS
P
Ground to entire chip.
4
SRS
I
Spread Range Select. Digital logic input used to select frequency deviation (Refer
Spread Deviation Selections Table). This pin has an internal pull-up resistor.
5
ModOUT
O
Spread spectrum low EMI output.
6
VDD
P
Connect to +3.3V.
7
NC
No connect.
8
NC
No connect.
8*
XOUT
O
Crystal connection.
* Available for P2183 and P2184 only.
1
2
3
4
5
6
7
8
XIN
VSS
SRS
P2180X
P2181X
P2182X
VDD
NC
ModOUT
NC
NC
XIN
P2183X
P2184X
1
2
3
4
5
6
7
8
VSS
SRS
VDD
XOUT
ModOUT
NC
NC
XIN
XOUT
VSS
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
ModOUT
PLL
VDD
SRS
Crystal
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com