Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1707A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P1707A
Description  Notebook LCD Panel EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P1707A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P1707A Datasheet HTML 1Page - PulseCore Semiconductor P1707A Datasheet HTML 2Page - PulseCore Semiconductor P1707A Datasheet HTML 3Page - PulseCore Semiconductor P1707A Datasheet HTML 4Page - PulseCore Semiconductor P1707A Datasheet HTML 5Page - PulseCore Semiconductor P1707A Datasheet HTML 6Page - PulseCore Semiconductor P1707A Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
February 2007
P1707A
rev 1.2
Notebook LCD Panel EMI Reduction IC
2 of 7
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN
I
Connect to externally generated clock signal. To put the part into standby mode,
disable the input clock signal to this pin and pull SSON/SBM (pin 5) low. Refer
Standby Mode Selection Table.
2
VDD
P
Connect to +3.3V. (Place a decoupling 0.1µF close to pin and ground)
3
VSS
P
Ground Connection. Connect to system ground.
4
ModOUT
O
Spread spectrum clock output.
5
SSON/SBM
I
Spread Spectrum On/Off and standby mode control. Refer Standby Mode
Selection Table. This pin has an internal pull-up resistor.
6
SR1
I
Digital logic input used to select Spreading Range. Refer Spread Spectrum
Selection Table. This pin has an internal pull-up resistor.
7
SR0
I
Digital logic input used to select Spreading Range. Refer Spread Spectrum
Selection Table. This pin has an internal pull-up resistor.
8
NC
-
No connect.
Standby Mode Selection
CLKIN
SSON/SBM
Spread
Spectrum
ModOUT
PLL
Mode
Disabled
0
N/A
Disabled
Disabled
Standby
Disabled
1
N/A
Disabled
Free Running
Free Running
Enabled
0
Off
Reference
Disabled
Buffer out
Enabled
1
On
Normal
Normal
Normal
Spread Range Selection
SR1
SR0
Spreading Range
Modulation Rate
0
0
± 1.50%
(FIN/80) * 34.72 KHz
0
1
± 2.50%
(FIN/80) * 34.72 KHz
1
0
± 0.50%
(FIN/80) * 34.72 KHz
1
1
± 1.00%
(FIN/80) * 34.72 KHz
SSON/SBM
1
2
3
4
5
6
7
8
P1707A
CLKIN
VDD
VSS
ModOUT
SR1
SR0
NC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com