Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2005A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P2005A
Description  Low Frequency EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2005A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P2005A Datasheet HTML 1Page - PulseCore Semiconductor P2005A Datasheet HTML 2Page - PulseCore Semiconductor P2005A Datasheet HTML 3Page - PulseCore Semiconductor P2005A Datasheet HTML 4Page - PulseCore Semiconductor P2005A Datasheet HTML 5Page - PulseCore Semiconductor P2005A Datasheet HTML 6Page - PulseCore Semiconductor P2005A Datasheet HTML 7Page - PulseCore Semiconductor P2005A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
November 2006
P2005A/S
rev 1.3
Low Frequency EMI Reduction IC
2 of 8
Notice: The information in this document is subject to change without notice.
XOUT
1
2
3
4
5
6
7
8
P2005A/S
XIN /CLK
DIV2
VSS
SR0
SSON#
ModOUT
VDD
Pin Configuration
Pin Description
Pin#
Pin
Name
Type
Description
1
XIN/CLK
I
Connect to crystal or clock.
2
XOUT
O
Crystal output.
3
DIV2
I
Digital logic input used to select normal output mode or divide-by-two output mode. When
this pin is HIGH, the frequency of the output clock is the same as the input clock
frequency. When it is tied low, the output frequency is half the input clock frequency. This
pin has an internal pull-up resistor.
4
VSS
P
Ground to entire chip. Connect to system ground.
5
SR0
I
Digital logic input used to select Spreading Range Refer Modulation Output and Spreading
Range Selection Table. This pin has an internal pull-up resistor.
6
SSON#
I
Digital logic input used to enable Spread Spectrum function (Active LOW). Spread
Spectrum function enabled when LOW, disabled when HIGH. This pin has an internal pull-
low resistor.
7
ModOUT
O
Spread spectrum clock output.
8
VDD
P
Power supply for the entire chip (+3.3V or 5.0V)
Output Frequency Selections
Input Frequency
8MHz
12MHz
16MHz
20MHz
24MHz
28MHz
32MHz
0 (1/2 X)
4MHz
6MHz
8MHz
10MHz
12MHz
14MHz
16MHz
DIV2
1 (1X)
8MHz
12MHz
16MHz
20MHz
24MHz
28MHz
32MHz
Output
Frequency
Frequency Deviation Selections as a Function of Input Frequency
Input Frequency Range
P/N
SR0
8MHz
12MHz
16MHz
20MHz
24MHz
28MHz
32MHz
Modulation Rate
(KHz)
0
± 3.0%
± 2.5%
± 2.0%
± 1.8%
± 1.5%
± 1.5%
± 1.3%
P2005A
1
± 2.5%
± 2.0%
± 1.8%
± 1.5%
± 1.3%
± 1.3%
± 1.0%
0
± 1.8%
± 1.5%
± 1.2%
± 1.1%
± 0.9%
± 0.9%
± 0.8%
P2005S
1
± 1.5%
± 1.2%
± 1.1%
± 0.9%
± 0.8%
± 0.8%
± 0.6%
(XIN/20) * 62.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com