Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2008A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P2008A
Description  General Purpose EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2008A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P2008A Datasheet HTML 1Page - PulseCore Semiconductor P2008A Datasheet HTML 2Page - PulseCore Semiconductor P2008A Datasheet HTML 3Page - PulseCore Semiconductor P2008A Datasheet HTML 4Page - PulseCore Semiconductor P2008A Datasheet HTML 5Page - PulseCore Semiconductor P2008A Datasheet HTML 6Page - PulseCore Semiconductor P2008A Datasheet HTML 7Page - PulseCore Semiconductor P2008A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
November 2006
P2008A
rev 1.4
General purpose EMI Reduction IC
2 of 8
Notice: The information in this document is subject to change without notice.
1
2
3
4
5
6
7
8
P2008A
XIN/ CLKIN
XOUT
DIV21
VSS
SSON#
ModOUT
SR0
VDD
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN/CLKIN
I
Crystal connection or external reference frequency input. This pin has dual
functions. It can be connected either to an external crystal or an external
reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left
unconnected.
3
DIV2
I
Digital logic input used to select normal output mode or divide-by-two output
mode. When this pin is HIGH, the frequency of the output clock is the same as the
input clock frequency. When it is tied low, the output frequency is half the input
clock frequency. This pin has an internal pull-up resistor.
4
VSS
P
Ground to entire chip. Connect to system ground.
5
SSON#
I
Digital logic input used to enable Spread Spectrum function (Active LOW). Spread
Spectrum function enabled when LOW, disabled when HIGH.
This pin has an internal pull-low resistor.
6
ModOUT
O
Spread spectrum clock output.
7
SR0
I
Digital logic input used to select Spreading Range (Refer Modulation Output and
Spreading Range Selection Table.) This pin has an internal pull-up resistor.
8
VDD
P
Power supply for the entire chip
Modulation Output and Spreading Selection (ModOUT = XIN/CLKIN)
Output Frequency Range DIV2 = 1
Modulation Rate
SR0
8MHz
12MHz
16MHz
20MHz
24MHz
28MHz
32MHz
0
± 2.2%
± 1.8%
± 1.2%
± 1.1%
± 1.0%
± 0.9%
± 0.8%
1
± 3.2%
± 2.5%
± 2.0%
± 1.6%
± 1.4%
± 1.25%
± 0.15%
(XIN/CLKIN/20) * 62.5 KHz
Modulation Output and Spreading Selection (ModOUT = ½ XIN/CLKIN)
Output Frequency Range DIV2 = 0
Modulation Rate
SR0
4MHz
6MHz
8MHz
10MHz
12MHz
14MHz
16MHz
0
± 2.0%
± 1.8%
± 1.2%
± 1.1%
± 1.0%
± 0.9%
± 0.8%
1
± 3.2%
± 2.6%
± 2.0%
± 1.6%
± 1.4%
± 1.25%
± 0.15%
(XIN/CLKIN/20) * 62.5 KHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com