Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM802LEPA Datasheet(PDF) 9 Page - PulseCore Semiconductor

Part # ASM802LEPA
Description  關P Power Supply Supervisor With Battery Backup Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM802LEPA Datasheet(HTML) 9 Page - PulseCore Semiconductor

Back Button ASM802LEPA Datasheet HTML 5Page - PulseCore Semiconductor ASM802LEPA Datasheet HTML 6Page - PulseCore Semiconductor ASM802LEPA Datasheet HTML 7Page - PulseCore Semiconductor ASM802LEPA Datasheet HTML 8Page - PulseCore Semiconductor ASM802LEPA Datasheet HTML 9Page - PulseCore Semiconductor ASM802LEPA Datasheet HTML 10Page - PulseCore Semiconductor ASM802LEPA Datasheet HTML 11Page - PulseCore Semiconductor ASM802LEPA Datasheet HTML 12Page - PulseCore Semiconductor ASM802LEPA Datasheet HTML 13Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ASM690A/692A
ASM802L/802M
April 2008
ASM805L
rev 1.7
µP Power Supply Supervisor With Battery Backup Switch
9 of 15
Notice: The information in this document is subject to change without notice.
Electrical Characteristics
Unless other wise noted, VCC = 4.75V to 5.5V for the ASM690A / ASM802L / ASM805L and VCC = 4.5V to 5.5V for the
ASM692A / ASM802M;VBATT = 2.8V; and TA = TMIN to TMAX.
Parameter
SYMBOL
Conditions
Min
TYP
Max
Unit
VCC, VBATT Voltage
Range (Note 1)
1.1
5.5
V
Supply Current
Excluding IOUT
IS
35
100
µA
TA = 25°C
1.5
ISUPPLY in Battery
Backup Mode
(Excluding IOUT)
VCC = 0V, VBATT = 2.8V
TA =TMIN to TMAX
5.0
µA
VBATT Standby
Current (Note 2)
5.5V>VCC>VBATT + 0.2V
TA = 25°C
TA =TMIN to TMAX
-0.1
-1.0
0.02
0.02
µA
IOUT = 5mA
VOUT Output
IOUT = 50mA
VCC-0.025
VCC-0.25
VCC-
0.010
VCC-
0.10
V
VOUT in Battery
Backup Mode
IOUT=250µA, VCC < VBATT - 0.2V
VBATT- 0.1
VBATT
-
0.001
V
Battery Switch
Threshold,
VCC to VBATT
VCC < VRT
Power Up
Power Down
20
-20
mV
Battery Switch over
Hysteresis
40
mV
ASM690A/802L/805L
ASM692A, ASM802M
ASM802L, TA = 25°C, VCC falling
Reset Threshold
VRT
ASM802M, TA=25°C, VCC falling
4.50
4.25
4.55
4.30
4.65
4.40
4.75
4.50
4.70
4.45
V
Reset Threshold
Hysteresis
40
mV
Reset Pulse Width
tRS
140
200
280
ms
ISOURCE = 800µA
ISINK = 3.2mA
ASM69_AC,ASM802_C,VCC=1.0V,ISINK=50µA
ASM69_AE,ASM802_E,VCC=1.2V,ISINK=100µA
ASM805LC, ISOURCE=4µA, VCC = 1.1V
ASM805LE, ISOURCE=4µA, VCC = 1.2V
ASM805L, ISOURCE=800µA
Reset Output
Voltage
ASM805L, ISINK=3.2mA
VCC - 1.5
0.8
0.9
VCC - 1.5
0.4
0.3
0.3
0.4
V
Watchdog Timeout
tWD
1.00
1.60
2.25
sec
WDI Pulse Width
tWP
VIL = 0.4V, VIH = 0.8VCC
50
ns
WDI = VCC
µA
WDI Input Current
WDI = 0V
-150
50
-50
150
µA
VCC = 5V, Logic LOW
0.8
V
WDI Input
Threshold
(Note 3)
VCC = 5V, Logic HIGH
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com