Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM802MCPA Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM802MCPA
Description  關P Power Supply Supervisor With Battery Backup Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM802MCPA Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM802MCPA Datasheet HTML 1Page - PulseCore Semiconductor ASM802MCPA Datasheet HTML 2Page - PulseCore Semiconductor ASM802MCPA Datasheet HTML 3Page - PulseCore Semiconductor ASM802MCPA Datasheet HTML 4Page - PulseCore Semiconductor ASM802MCPA Datasheet HTML 5Page - PulseCore Semiconductor ASM802MCPA Datasheet HTML 6Page - PulseCore Semiconductor ASM802MCPA Datasheet HTML 7Page - PulseCore Semiconductor ASM802MCPA Datasheet HTML 8Page - PulseCore Semiconductor ASM802MCPA Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ASM690A/692A
ASM802L/802M
April 2008
ASM805L
rev 1.7
µP Power Supply Supervisor With Battery Backup Switch
3 of 15
Notice: The information in this document is subject to change without notice.
Detailed Description
It is important to initialize a microprocessor to a known
state in response to specific events that could create
code execution errors and “lock-up”. The reset output of
these supervisory circuits send a reset pulse to the
microprocessor in response to power-up, power-
down/power-loss or a watchdog time-out.
RESET/RESET Timing
Power-up reset occurs when a rising VCC reaches the
reset threshold, VRT, forcing a reset condition in which
the reset output is asserted in the appropriate logic state
for the duration of tRS. The reset pulse width, tRS, is
typically around 200ms and is LOW for the ASM690A,
ASM692A, ASM802 and HIGH for the ASM805L.
Figure 1
shows the reset pin timing.
Power-loss or “brown-out” reset occurs when VCC dips
below the reset threshold resulting in a reset assertion for
the duration of tRS. The reset signal remains asserted as
long as VCC is between VRT and 1.1V, the lowest VCC for
which thesedevices can provide a guaranteed logic-low
output. To ensure logic inputs connected to the ASM690A
/ ASM692A/ASM802 RESET pin are in a known state
when VCC is under 1.1V, a 100k
Ω pull-down resistor at
RESET is needed: the logic-high ASM805L will need a
pull-up resistor to VCC.
Watchdog Timer
A Watchdog time-out reset occurs when a logic “1” or
logic “0” is continuously applied to the WDI pin for more
than 1.6 seconds. After the duration of the reset interval,
the watchdog timer starts a new 1.6 second timing
interval; the microprocessor must service the watchdog
input by changing states or by floating the WDI pin before
this interval is finished. If the WDI pin is held either HIGH
or LOW, a reset pulse will be triggered every 1.8 seconds
(the 1.6 second timing interval plus the reset pulse width
tRS).
Application Information
Microprocessor Interface
The ASM690 has logic-LOW RESET output while the
ASM805 has an inverted logic-HIGH RESET output.
Microprocessors with bidirectional reset pins can pose a
problem
when
the
supervisory
circuit
and
the
microprocessor output pins attempt to go to opposite
logic states. The problem can be resolved by placing a
4.7k
Ω resistor between the RESET output and the
microprocessor reset pin. This is shown in Figure 2.
Since the series resistor limits drive capabilities, the reset
signal to other devices should be buffered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com