Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2040A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P2040A
Description  LCD Panel EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2040A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P2040A Datasheet HTML 1Page - PulseCore Semiconductor P2040A Datasheet HTML 2Page - PulseCore Semiconductor P2040A Datasheet HTML 3Page - PulseCore Semiconductor P2040A Datasheet HTML 4Page - PulseCore Semiconductor P2040A Datasheet HTML 5Page - PulseCore Semiconductor P2040A Datasheet HTML 6Page - PulseCore Semiconductor P2040A Datasheet HTML 7Page - PulseCore Semiconductor P2040A Datasheet HTML 8Page - PulseCore Semiconductor P2040A Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
November 2006
P2040A
rev 1.3
LCD Panel EMI Reduction IC
2 of 9
Notice: The information in this document is subject to change without notice.
MRA
SSON#
ModOUT
1
2
3
4
5
6
7
8
P2040A
CLKIN
SR1
VSS
SR0
VDD
Pin Configuration
Pin Description
Pin#
Pin
Name
Type
Description
1
CLKIN
I
External reference frequency input. Connect to externally generated reference signal.
2
MRA
I
Digital logic input used to select modulation rate. This pin has an internal pull-up resistor.
3
SR1
I
Digital logic input used to select Spreading Range. This pin has an internal pull-up resistor.
4
VSS
P
Ground to entire chip. Connect to system ground.
5
SSON#
I
Digital logic input used to enable Spread Spectrum function (Active LOW). Spread Spectrum
function enabled when LOW, disabled when HIGH. This pin has an internal pull-low resistor.
6
ModOUT
O
Spread spectrum clock output.
7
SR0
I
Digital logic input used to select Spreading Range. This pin has an internal pull-up resistor.
8
VDD
P
Power supply for the entire chip (3.3V)
Modulation Selection (Commercial)
MRA
SR1
SR0
Spreading Range
Modulation Rate (KHz)
0
0
0
± 1.125
(FIN /40) * 34.72KHz
0
0
1
± 1.75
(FIN /40) * 34.72KHz
0
1
0
± 0.75
(FIN /40) * 34.72KHz
0
1
1
± 1.25
(FIN /40) * 34.72KHz
1
0
0
± 1.25
(FIN /40) * 20.83KHz
1
0
1
± 2.00
(FIN /40) * 20.83KHz
1
1
0
Reserved
Reserved
1
1
1
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com