Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1834ASF Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM1834ASF
Description  Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM1834ASF Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM1834ASF Datasheet HTML 2Page - PulseCore Semiconductor ASM1834ASF Datasheet HTML 3Page - PulseCore Semiconductor ASM1834ASF Datasheet HTML 4Page - PulseCore Semiconductor ASM1834ASF Datasheet HTML 5Page - PulseCore Semiconductor ASM1834ASF Datasheet HTML 6Page - PulseCore Semiconductor ASM1834ASF Datasheet HTML 7Page - PulseCore Semiconductor ASM1834ASF Datasheet HTML 8Page - PulseCore Semiconductor ASM1834ASF Datasheet HTML 9Page - PulseCore Semiconductor ASM1834ASF Datasheet HTML 10Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6 of 10
Notice: The information in this document is subject to change without notice
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
ASM1834/A/D
November 2006
rev 1.5
Absolute Maximum Ratings
Recommended DC Operating Conditions
Recommended DC operating condition over the operating temperature range of -40°C to +85°C. All voltages are referenced to
ground.
Parameter
Min
Max
Unit
Voltage on VCC
-0.5
7
V
Voltage on 5V RESET
-0.5
+5VIN + 0.5V
V
Voltage on 3.3V RESET
-0.5
+3.3VIN + 0.5V
V
Voltage on PBRST and reset outputs
-0.5
(+5VIN + 0.5V) or (+3.3VIN + 0.5V)
whichever is greater
V
Operating Temperature Range
-40
+85
°C
Soldering Temperature (for 10 sec)
-
260
°C
Storage Temperature
-55
+125
°C
ESD rating
HBM
MM
2
200
KV
V
Note:
1. Voltages are measured with respect to ground
2. These are stress ratings only and functional implication is not implied. Exposure to absolute maximum
ratings for extended periods may affect device reliability.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
5V Supply Voltage
5VIN
1.2
5.5
V
3.3V Supply Voltage
3.3VIN
1.2
5.5
V
PBRST Input High Level
VIH
Both 3.3VIN and 5VIN >=2.7V
2
VINMAX + 0.3
V
PBRST Input High Level
VIH
Both 3.3VIN and 5VIN <=2.7V
VINMAX - 0.4
V
PBRST Input Low Level
VIL
-0.3
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com