Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2041AF-08ST Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # P2041AF-08ST
Description  Versatile EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2041AF-08ST Datasheet(HTML) 4 Page - PulseCore Semiconductor

  P2041AF-08ST Datasheet HTML 1Page - PulseCore Semiconductor P2041AF-08ST Datasheet HTML 2Page - PulseCore Semiconductor P2041AF-08ST Datasheet HTML 3Page - PulseCore Semiconductor P2041AF-08ST Datasheet HTML 4Page - PulseCore Semiconductor P2041AF-08ST Datasheet HTML 5Page - PulseCore Semiconductor P2041AF-08ST Datasheet HTML 6Page - PulseCore Semiconductor P2041AF-08ST Datasheet HTML 7Page - PulseCore Semiconductor P2041AF-08ST Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
November 2006
P2041A
rev 0.2
Versatile EMI Reduction IC
4 of 8
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
( For 3.3V Supply Voltage)
VSS –0.3
-
0.8
VIL
Input low Voltage
( For 5V Supply Voltage)
-
-
1.5
V
( For 3.3V Supply Voltage
)
2.0
-
VDD + 0.3
VIH
Input low Voltage
( For 5V Supply Voltage)
3.5
-
-
V
( For 3.3V Supply Voltage)
-
-
-35
IIL
Input Low Current
(pull-up resistor on inputs
SR0, SR1)
( For 5V Supply Voltage)
-
-
-100
µA
( For 3.3V Supply Voltage)
-
-
35
IIH
Input High Current
(pull-down resistor on input
SSON )
( For 5V Supply Voltage)
-
-
100
µA
IXOL
XOUT Output Low Current (VXOL @ 0.4V, VDD = 3.3V)
-
3
-
IXOH
XOUT Output High Current ( VXOH@ 2.5V, VDD = 3.3V)
-
3
-
mA
mA
(VDD=3.3V, IOL = 20 mA)
-
-
0.4
VOL
Output Low Voltage
(VDD=5V, IOL = 20 mA)
-
-
0.5
V
(VDD=3.3V, IOH = 20 mA)
2.5
-
-
VOH
Output High Voltage
(VDD=5V, IOH = 20 mA)
4.5
-
-
V
IDD
Static Supply Current
-
1.0
-
mA
3.3V and 15pF loading
-
-
22
ICC
Dynamic Supply Current
5V and 15pF loading
-
-
35
mA
VDD
Operating Voltage
2.7
3.3
5.5
V
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input Frequency
25
40
60
MHz
tLH*
Output rise time
( Measured at 0.8V to 2.0V )
0.7
1.0
1.3
nS
tHL*
Output fall time
( Measured at 2.0 to 0.8V )
0.6
0.8
1.0
nS
tJC
Jitter (Cycle to cycle)
-
360
-
pS
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com