Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2560B Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # P2560B
Description  Low Frequency EMI Reduction
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

P2560B Datasheet(HTML) 2 Page - PulseCore Semiconductor

  P2560B Datasheet HTML 1Page - PulseCore Semiconductor P2560B Datasheet HTML 2Page - PulseCore Semiconductor P2560B Datasheet HTML 3Page - PulseCore Semiconductor P2560B Datasheet HTML 4Page - PulseCore Semiconductor P2560B Datasheet HTML 5Page - PulseCore Semiconductor P2560B Datasheet HTML 6Page - PulseCore Semiconductor P2560B Datasheet HTML 7Page - PulseCore Semiconductor P2560B Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
October 2006
P2560B
rev 1.3
Low Frequency EMI Reduction
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN / CLKIN
I
Crystal Connection or external frequency input. This pin has dual functions.
It can be connected to either an external crystal or an external reference
clock
2
VDD
P
Power Supply for the entire chip.
3
VSS
P
Ground to entire chip.
4
ModOUT
O
Spread spectrum low EMI output.
5
NC
-
No Connect
6
NC
-
No Connect
7
NC
-
No Connect
8
XOUT
O
Crystal Connection. If using an external reference, this pin must be left
unconnected.
Spread Range Selection, VDD = 3.3 V
CLKIN frequency
Spreading range
Modulation rate
20 MHz
±1.16%
25 MHz
±1.13%
27 MHz
±1.11%
30 MHz
±1.10%
32 MHz
±1.10%
(CLKIN/10) * 20.83 kHz
NC
NC
1
2
3
4
5
6
7
8
P2560B
XIN / CLKIN
VDD
VSS
ModOUT
NC
XOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com