Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM690AESAF Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM690AESAF
Description  關P Power Supply Supervisor With Battery Backup Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM690AESAF Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM690AESAF Datasheet HTML 1Page - PulseCore Semiconductor ASM690AESAF Datasheet HTML 2Page - PulseCore Semiconductor ASM690AESAF Datasheet HTML 3Page - PulseCore Semiconductor ASM690AESAF Datasheet HTML 4Page - PulseCore Semiconductor ASM690AESAF Datasheet HTML 5Page - PulseCore Semiconductor ASM690AESAF Datasheet HTML 6Page - PulseCore Semiconductor ASM690AESAF Datasheet HTML 7Page - PulseCore Semiconductor ASM690AESAF Datasheet HTML 8Page - PulseCore Semiconductor ASM690AESAF Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ASM690A/692A
ASM802L/802M
April 2008
ASM805L
rev 1.7
µP Power Supply Supervisor With Battery Backup Switch
5 of 15
Notice: The information in this document is subject to change without notice.
Table 2: Maximum Battery Voltages
Part Number
MAXIMUM Battery Voltage (V)
ASM690A
4.80
ASM802L
4.80
ASM805L
4.80
ASM692A
4.55
ASM802M
4.55
Although most batteries that meet the requirements of
Table2
are acceptable, lithium batteries are very effective
backup source due to their high-energy density and very
low selfdischarge rates.
Battery replacement while Powered
Batteries can be replaced even when the device is in a
powered state as long as VCC remains above the reset
threshold voltage VRT. In the ASM devices, a floating
VBATT pin will not cause a powersupply switchover as can
occur in some other supervisory circuits. If VBATT is not
used, the pin should be grounded.
Backup Power Sources - SuperCap™
Capacitor storage, with very high values of capacitance,
can be used as a back-up power source instead of
batteries. SuperCap™ are capacitors with capacities in
the fractional farad range. A 0.1 farad SuperCap™ would
provide a useful backup power source. Like the battery
supply, it is important that the capacitor voltage remain
below the maximum voltages shown in Table 2. Although
the circuit of Figure 4 shows the most simple way to
connect the SuperCap™, this circuit cannot insure that an
over voltage condition will not occur since the capacitor
will ultimately charge up to VCC. To insure that an over
voltage condition does not occur, the circuit of Figure 5 is
preferred. In this circuit configuration, the diode-resistor
pair clamps the capacitor voltage at one diode drop below
VCC. VCC itself should be regulated within ±5% of 5V for
the ASM692A/802M or within ±10% of 5V for the
ASM690A/802L/805L to insure that the storage capacitor
does not achieve an over voltage state.
Note: SuperCapTM is a trademark of Baknor Industries
Operation without a Backup Power Source
When operating without a back-up power source, the
VBATT pin should be connected to GND and VOUT should
be connected to VCC, since power source switchover will
not occur. Connecting VOUT to VCC eliminates the voltage
drop due to the ON-resistance of the PMOS switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com