Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS2I9940L Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS2I9940L
Description  Low Voltage 1:18 Clock Distribution Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I9940L Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS2I9940L Datasheet HTML 1Page - PulseCore Semiconductor PCS2I9940L Datasheet HTML 2Page - PulseCore Semiconductor PCS2I9940L Datasheet HTML 3Page - PulseCore Semiconductor PCS2I9940L Datasheet HTML 4Page - PulseCore Semiconductor PCS2I9940L Datasheet HTML 5Page - PulseCore Semiconductor PCS2I9940L Datasheet HTML 6Page - PulseCore Semiconductor PCS2I9940L Datasheet HTML 7Page - PulseCore Semiconductor PCS2I9940L Datasheet HTML 8Page - PulseCore Semiconductor PCS2I9940L Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
September 2006
PCS2I9940L
rev 1.1
Low Voltage 1:18 Clock Distribution Chip
2 of 13
Notice: The information in this document is subject to change without notice.
Block Diagram
Pin Diagram
Table 1. Function Table
LVCMOS_CLK_Sel
Input
0
1
PECL_CLK
LVCMOS_CLK
Table 2. Power Supply Voltages
Supply Pin
Voltage Level
VCCI
VCCO
2.5V or 3.3V ± 5%
2.5V or 3.3V ± 5%
GNDO
Q5
Q4
Q3
VCC0
Q2
Q1
Q0
VCCO
25
24
26
27
28
29
30
31
32
1
2
3
4
5678
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Q12
Q13
Q14
GNDO
Q15
Q16
Q17
PCS2I9940L
0
1
PECL_CLK
PECL_CLK
LVCMOS_CLK
LVCMOS_CLK_Sel
(Internal Pulldown)
Q0
Q1-Q16
Q17
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com