Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS2I9942P Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS2I9942P
Description  Low Voltage 1:18 Clock Distribution Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I9942P Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS2I9942P Datasheet HTML 1Page - PulseCore Semiconductor PCS2I9942P Datasheet HTML 2Page - PulseCore Semiconductor PCS2I9942P Datasheet HTML 3Page - PulseCore Semiconductor PCS2I9942P Datasheet HTML 4Page - PulseCore Semiconductor PCS2I9942P Datasheet HTML 5Page - PulseCore Semiconductor PCS2I9942P Datasheet HTML 6Page - PulseCore Semiconductor PCS2I9942P Datasheet HTML 7Page - PulseCore Semiconductor PCS2I9942P Datasheet HTML 8Page - PulseCore Semiconductor PCS2I9942P Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
September 2006
PCS2I9942P
rev 0.4
Low Voltage 1:18 Clock Distribution Chip
2 of 10
Notice: The information in this document is subject to change without notice.
Pin Diagram
Table 2. Pin Description
Pin #
Pin Name
I/O
Type
Function
5
6
PECL_CLK,
PECL_CLK
Input
LVPECL
LVPECL Clock Inputs
3
OE
Input
LVCMOS
Output enable/disable
(high–impedance tristate)
4
NC
No connect
32,31,30,28,27,26,24,23,22,20,19,18,15,
14,13,11,10,9
Q0 – Q17
Output
LVCMOS
Clock outputs
1,2,12,17,25
GND
Supply
Ground
Negative power supply (GND)
for I/O and core.
7,8,16,21,29
VCC
Supply
VCC
Positive power supply for I/O and
core. All VCC pins must be
connected to the positive power
supply for correct operation
Table 3. Absolute Maximum Rating
1
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
-0.3
3.6
V
VI
Input Voltage
-0.3
VCC + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
-40
125
°C
Note: 1. These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
GND
Q5
Q4
Q3
VCC
Q2
Q1
Q0
VCC
25
24
26
27
28
29
30
31
32
1
2
3
4
5678
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Q12
Q13
Q14
GND
Q15
Q16
Q17
PCS2I9942P



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com