Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS3P73U00AG-08-TR Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS3P73U00AG-08-TR
Description  USB 2.0 Peak EMI reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P73U00AG-08-TR Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS3P73U00AG-08-TR Datasheet HTML 1Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 2Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 3Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 4Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 5Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 6Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 7Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 8Page - PulseCore Semiconductor PCS3P73U00AG-08-TR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
May 2008
PCS3P73U00A
rev 0.3
USB 2.0 Peak EMI reduction IC
2 of 13
Notice: The information in this document is subject to change without notice.
FS
1
2
3
4
5
6
7
8
ModOUT
XIN / CLKIN
SSEXTR
VDD
GND
MR
PCS3P73U00A
XOUT
Pin Configuration
Pin Description
Pin # Pin Name Pin Type
Description
1
XIN /
CLKIN
I
Crystal connection or external reference clock input.
2
XOUT
O
Crystal connection. If using an external reference, this pin should be left open.
3
FS
I
Frequency Select.Pull LOW to select Low Frequency range. Selects High Frequency
range when pulled HIGH. Has an internal pull-up resistor
(see Frequency Selection table for details)
4
GND
P
Ground
5
ModOUT
O
Buffered Modulated clock output
6
MR
I
Modulation Rate Select. When LOW selects Low Modulation Rate.
Selects High Modulation Rate when pulled HIGH. Has an internal pull-down resistor
7
SSEXTR
I
Analog Spread Selection through external resistor to GND.
8
VDD
P
3.3V / 2.5V supply Voltage
Frequency Selection table
VDD(V)
FS
Frequency (MHz)
0
10-20
2.5V
1
20-60
0
10-27
3.3V
1
20-70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com