Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC44H01DA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC44H01DA
Description  4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC44H01DA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPIC44H01DA Datasheet HTML 2Page - Texas Instruments TPIC44H01DA Datasheet HTML 3Page - Texas Instruments TPIC44H01DA Datasheet HTML 4Page - Texas Instruments TPIC44H01DA Datasheet HTML 5Page - Texas Instruments TPIC44H01DA Datasheet HTML 6Page - Texas Instruments TPIC44H01DA Datasheet HTML 7Page - Texas Instruments TPIC44H01DA Datasheet HTML 8Page - Texas Instruments TPIC44H01DA Datasheet HTML 9Page - Texas Instruments TPIC44H01DA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPIC44H01
4-CHANNEL SERIAL AND PARALLEL HIGH-SIDE PRE-FET DRIVER
SLIS088 – SEPTEMBER 1998
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating case temperature and supply voltage
range (unless otherwise noted)†
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(PWR)
V(PWR)supplycurrent All outputs off, V(PWR)= 12 V
2
4
6
mA
ICCH
5-V supply current
All outputs off, VCC = 5.5 V
3
4
5
mA
Sleep state current
Sleep state (all outputs off)
I(PWR-sleep)
Slee state current
(IPWR)
Slee state (all out uts off),
VCC 55 V V(PWR) 12 V TC 25°C
15
40
µA
I(PWR-slee )
(IPWR)
VCC = 5.5 V, V(PWR) = 12 V, TC = 25°C
15
40
µA
Sleep state current
Sleep state (all outputs off)
ICCL(sleep)
Slee state current
(ICCL)
Slee state (all out uts off),
VCC 55 V V(PWR) 12 V TC 25°C
30
40
µA
ICCL(slee )
(ICCL)
VCC = 5.5 V, V(PWR) = 12 V, TC = 25°C
30
40
µA
VIT(POR)
Power-on reset
threshold, VCC
V(PWR) = 5.5 V, VCC increasing
3.4
3.9
4.4
V
Vhys(POR)
Power-on reset
threshold hysteresis,
VCC
V(PWR) = 5.5 V, VCC decreasing
100
300
500
mV
V(PWR) > 24 V, CP = 0.01 µF, CS = 0.1 µF,
40
44
V
(PWR)
,
µ ,
µ ,
I(CP) = – 2 mA, See Figure 8
40
44
V
V(PWR) =24V CP=001 µF CS=01 µF
V(PWR) = 24 V, CP = 0.01 µF, CS = 0.1 µF,
I(CP)
2 mA See Figure 8
38
40
42
V
V(CP)
Charge pump voltage
I(CP) = – 2 mA, See Figure 8
38
40
42
V
V(CP)
Charge um voltage
V(PWR) = 8 V, CP = 0.01 µF, CS = 0.1 µF,
11 5
13 5
V
(PWR)
,
µ ,
µ ,
I(CP) = – 2 mA, See Figure 8
11.5
13.5
V
V(PWR) = 5.5 V, CP = 0.01 µF,
CS = 0.1
µF, I(CP) = –2 mA, See Figure 8
6.8
7.5
V
V(OVLO)
Over-supply voltage
lockout
Gate disabled, See Figure 10
27.5
30
32.5
V
Vhys(OV)
Over-supply voltage
reset hysteresis
See Figure 10
0.5
1
2
V
8 V < V(PWR) < 24 V, IO = –100 µA,
V(PWR)+4
V(PWR)+18
V
VG
Gate drive voltage
(PWR)
, O
µ ,
All channels on, See Note 2
V(PWR)+4
V(PWR)+18
V
VG
Gate drive voltage
5.5 V < V(PWR) < 8 V, IO = –100 µA,
V(PWR)+1 5 V(PWR)+3 5
V
(PWR)
, O
µ ,
All channels on, See Note 2
V(PWR)+1.5 V(PWR)+3.5
V
VG(sleep)
External gate sleep
state voltage
IO = 100 µA, RESET = CS = 0 V
0
100
300
mV
VGS(clamp)
Gate-to-source clamp
voltage
SRCx = 0 V, Output on
15
17
19.5
V
VSG(clamp)
Source-to-gate clamp
voltage
Output off, II = 100 µA
6.5
8
9.5
V
IG(SRC )
Gate drive source
VG = 0 V, V(PWR) = 12 V
– 2.3
–3
– 3.7
mA
IG(SRCx)
current
VG = 10 V, V(PWR) = 12 V
– 1.4
–2
– 2.6
mA
IG(SNK )
Gate drive sink
VG = 2 V, V(PWR) = 12 V
1
1.5
2
mA
IG(SNKx)
current
VG= V(PWR) = 12 V
2
2.6
3.2
mA
V(open)
SRCx pin off-state
open-load detection
threshold
All outputs off, See Figure 11
1.9
2.4
2.6
V
Vhys(open)
Off-state open-load
hysteresis
All outputs off
–50
– 150
– 300
mV
† Device will function with degraded performance for a power supply voltage between 5.5 V and 8 V.
NOTE 2: For characterization purposes only, not implemented in production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com