Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

22784AF-08ST Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # 22784AF-08ST
Description  General Purpose EMI Reduction IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

22784AF-08ST Datasheet(HTML) 4 Page - PulseCore Semiconductor

  22784AF-08ST Datasheet HTML 1Page - PulseCore Semiconductor 22784AF-08ST Datasheet HTML 2Page - PulseCore Semiconductor 22784AF-08ST Datasheet HTML 3Page - PulseCore Semiconductor 22784AF-08ST Datasheet HTML 4Page - PulseCore Semiconductor 22784AF-08ST Datasheet HTML 5Page - PulseCore Semiconductor 22784AF-08ST Datasheet HTML 6Page - PulseCore Semiconductor 22784AF-08ST Datasheet HTML 7Page - PulseCore Semiconductor 22784AF-08ST Datasheet HTML 8Page - PulseCore Semiconductor 22784AF-08ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
October 2006
P2781/82/84
rev 1.6
General Purpose EMI Reduction IC
4 of 11
Notice: The information in this document is subject to change without notice.
Spread Spectrum Selection
The P278xA performs Zero Cycle Slip when set at low percentage spreading. This allows no occurrence of system timing
error. The optimal setting should minimize system EMI to the fullest without affecting system performance. The spreading is
described as a percentage deviation of the center frequency.
(Note: the center frequency is the frequency of the external reference input on CLKIN, Pin 1.)
The P2781A is designed for PC peripheral, networking, notebook PC, and LCD monitor applications. It is optimized for
operation between 3 to 78MHz range. In the following application schematic example, the P2781A spread percentage
selection is determined by the external LF value specified in the Loop Filter Selection Table. The Input Frequency Selection
Table specifies the input frequency range. The external LF allows the user to fine tune the spread percentage to optimize the
EMI reduction benefits of the spread spectrum.
Note: Both logic input pins FS1 and FS0 have to be connected to either VDD or VSS. Do not leave them floating.
1
2
3
4
8
7
6
5
VDD
FS0
ModOUT
VSS
LF
FS1
XOUT
XIN/CLKIN
P278xA
+3.3V
Modulated 16MHz Clock
To target Chip
16 MHz
0.1µF
C2
C1
R1
0 Ohm
2.2 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com