Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCS810PIURF Datasheet(PDF) 7 Page - PulseCore Semiconductor

Part # PCS810PIURF
Description  3-Pin 關P Voltage Supervisor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS810PIURF Datasheet(HTML) 7 Page - PulseCore Semiconductor

  PCS810PIURF Datasheet HTML 1Page - PulseCore Semiconductor PCS810PIURF Datasheet HTML 2Page - PulseCore Semiconductor PCS810PIURF Datasheet HTML 3Page - PulseCore Semiconductor PCS810PIURF Datasheet HTML 4Page - PulseCore Semiconductor PCS810PIURF Datasheet HTML 5Page - PulseCore Semiconductor PCS810PIURF Datasheet HTML 6Page - PulseCore Semiconductor PCS810PIURF Datasheet HTML 7Page - PulseCore Semiconductor PCS810PIURF Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
January 2007
PCS809/PCS810
rev 0.2
3-Pin µP Voltage Supervisor
7 of 8
Notice: The information in this document is subject to change without notice.
Package Information: 3- SOT23 Package
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.035
0.057
0.95
1.45
A1
0.00
0.006
0.05
0.15
A2
0.035
0.051
0.90
1.30
b
0.009
0.015
0.30
0.50
c
0.003
0.009
0.08
0.22
D
0.111
0.117
2.80
3.00
E
0.106
0.114
2.60
3.00
E1
0.060
0.066
1.50
1.70
L
0.014
0.022
0.30
0.60
L1
0.023 REF
0.60 REF
e
0.0256 BSC
0.95 BSC
e1
0.0768 BSC
1.90 BSC
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com