Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB72-LBRR21 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PB72-LBRR21
Description  19.9 x 6.8mm Light Bar
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PB72-LBRR21 Datasheet(HTML) 1 Page - P-tec Corporation

  PB72-LBRR21 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PB72 Series 19.9 x 6.8mm Light Bar
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak Wave
Length
Forward Voltage
@20mA (V)
Luminous Intensity
@10mA (mcd)
nm
Typ
Max
Min
Typ
PB72-LBRR21
Deep Red
AlGaAs
660
2.1
2.6
11.0
25.0
Dominant
Wave Length
nm
643
Package Dimension are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
Absolute Maximum Ratings at TA = 25°C
Power Dissipation…………………………………………………………………… 204mW
Reverse Voltage (<100
µA)…………………………………………………………….. 5.0V
Max Forward Current ............................................................…...………...………….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)......…...…………..…. 100mA
Operating Temperature Range... ....................................…….……...……… -25°C to +85°C
Storage Temperature Range…………………………………………….… -40°C to +100°C
Soldering Temp………...........................................…......…………..… 260°C for 5 seconds
*Light Bar with 3 AlGaAs Super Bright
Red Chips
*Uniform Light Output
*IC Compatible
*Red Diffused Surface
*White Housing
*RoHS Compliant
Features
Pin
Functions
Pin #
Pin #
1 Anode
3 Anode
5 Anode
2 Cathode
4 Cathode
6 Cathode
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
03-09-07 Rev 0 RS
6.5
6.8
19.9
5.8
6.8
18.9
19.9
1.3
2.54x5=12.7
0.5
3.5Min.
6.5


Similar Part No. - PB72-LBRR21

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PB72-LBRR12 P-TEC-PB72-LBRR12 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
More results

Similar Description - PB72-LBRR21

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DF-3 KINGBRIGHT-DF-3 Datasheet
168Kb / 5P
6.8mm x 19.9mm LIGHT BARS
logo
BRIGHT LED ELECTRONICS ...
BA-4Y7UW-A BRIGHT-BA-4Y7UW-A Datasheet
63Kb / 1P
15.0 x 15.0mm LIGHT BAR
logo
P-tec Corporation
PB72-LBRG13 P-TEC-PB72-LBRG13 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRR12 P-TEC-PB72-LBRR12 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB72-LBRY01 P-TEC-PB72-LBRY01 Datasheet
30Kb / 1P
19.9 x 6.8mm Light Bar
PB95-LBRG13 P-TEC-PB95-LBRG13 Datasheet
30Kb / 1P
21 x 13mm Light Bar
logo
BetLux Electronics
BL-AR10B2510 BETLUX-BL-AR10B2510 Datasheet
302Kb / 4P
10 bars, 25.4*10.1*6.8mm, LED light bar, BI-COLOR TYPE
REV NO: V.2
logo
Kingbright Corporation
WP835-2GDT KINGBRIGHT-WP835-2GDT Datasheet
421Kb / 6P
5mm x 10mm LIGHT BAR
logo
LUMEX INC.
SSB-LX1515USBD LUMEX-SSB-LX1515USBD Datasheet
51Kb / 1P
15mm X 15mm LIGHT BAR
SSB-LX2685ID LUMEX-SSB-LX2685ID Datasheet
55Kb / 1P
19.05mm X 8.89mm LIGHT BAR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com