Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPM24DX Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HPM24DX
Description  PIEZO SOUND GENERATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HPM24DX Datasheet(HTML) 1 Page - JL World Company Limited.

  HPM24DX Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.jlworld.com
Unit:mm
Tolerance:±0.3mm
Dimension
Measuring Temperature:25°C
MeasuringDistance:30cm
Weight
(g)
3.7
Operating
Temperature
(°C)
-40~+85
Operating
Voltage
(VDC)
3~20
Specification (alldatatakenat25°Cunlessotherwisespecified)
H
Value ApplyingRatedVoltage,DC
H
SoundOutput
at30cm
(dB)
85
³
Rated
Voltage
(VDC)
12
H
Rated
Current
(mA)
20
£
H
Generated
Frequency
(Hz)
3800±500
Storage
Temperature
(°C)
-40~+85
10
15
20
mA
V
6
8
10
12 14
16
18
16
80
85
90
dB
V
6
8
10
12 14
18
CharacteristicsResponse
HPM24DX
PIEZOSOUNDGENERATORS
6.0
0.5
17.0


Similar Part No. - HPM24DX

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HPM24AX JLWORLD-HPM24AX Datasheet
73Kb / 1P
PIEZO SOUND GENERATORS
HPM24BX JLWORLD-HPM24BX Datasheet
70Kb / 1P
PIEZO SOUND GENERATORS
HPM24CX JLWORLD-HPM24CX Datasheet
63Kb / 1P
PIEZO SOUND GENERATORS
HPM24EX JLWORLD-HPM24EX Datasheet
73Kb / 1P
PIEZO SOUND GENERATORS
More results

Similar Description - HPM24DX

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HPA13D JLWORLD-HPA13D Datasheet
50Kb / 1P
PIEZO SOUND GENERATORS
HPA17F JLWORLD-HPA17F Datasheet
64Kb / 1P
PIEZO SOUND GENERATORS
HPA23C JLWORLD-HPA23C Datasheet
125Kb / 1P
PIEZO SOUND GENERATORS
HPA23DX JLWORLD-HPA23DX Datasheet
78Kb / 1P
PIEZO SOUND GENERATORS
HPA30D JLWORLD-HPA30D Datasheet
95Kb / 1P
PIEZO SOUND GENERATORS
HPA30H JLWORLD-HPA30H Datasheet
147Kb / 1P
PIEZO SOUND GENERATORS
HPA43EX JLWORLD-HPA43EX Datasheet
139Kb / 1P
PIEZO SOUND GENERATORS
HPM14AX JLWORLD-HPM14AX Datasheet
70Kb / 1P
PIEZO SOUND GENERATORS
HPM24CX JLWORLD-HPM24CX Datasheet
63Kb / 1P
PIEZO SOUND GENERATORS
HPS12C JLWORLD-HPS12C Datasheet
55Kb / 1P
PIEZO SOUND GENERATORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com