Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2012A
Description  POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012A Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2012A Datasheet HTML 9Page - Texas Instruments TPS2012A Datasheet HTML 10Page - Texas Instruments TPS2012A Datasheet HTML 11Page - Texas Instruments TPS2012A Datasheet HTML 12Page - Texas Instruments TPS2012A Datasheet HTML 13Page - Texas Instruments TPS2012A Datasheet HTML 14Page - Texas Instruments TPS2012A Datasheet HTML 15Page - Texas Instruments TPS2012A Datasheet HTML 16Page - Texas Instruments TPS2012A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
td(on)
Turnon delay time
vs Output voltage
20
td(off)
Turnoff delay time
vs Input voltage
21
tr
Rise time
vs Load current
22
tf
Fall time
vs Load current
23
Supply current (enabled)
vs Junction temperature
24
Supply current (disabled)
vs Junction temperature
25
Supply current (enabled)
vs Input voltage
26
Supply current (disabled)
vs Input voltage
27
IOS
Short circuit current limit
vs Input voltage
28
IOS
Short-circuit current limit
vs Junction temperature
29
vs Input voltage
30
rDS( )
Static drain source on state resistance
vs Junction temperature
31
rDS(on)
Static drain-source on-state resistance
vs Input voltage
32
vs Junction temperature
33
VI
Input voltage
Undervoltage lockout
34
Figure 20
4.5
4
3.5
2.5
3
3.5
4
4.5
5
5.5
TURNON DELAY TIME
vs
OUTPUT VOLTAGE
7.5
5
5.5
6
VI – Input Voltage – V
6
6.5
7
TA = 25°C
CL = 1 µF
Figure 21
17
16.5
16
2.5
3
3.5
4
4.5
17.5
TURNOFF DELAY TIME
vs
INPUT VOLTAGE
18
5
5.5
6
VI – Input Voltage – V
TA = 25°C
CL = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com