Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2014D Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2014D
Description  POWER DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014D Datasheet(HTML) 2 Page - Texas Instruments

  TPS2014D Datasheet HTML 1Page - Texas Instruments TPS2014D Datasheet HTML 2Page - Texas Instruments TPS2014D Datasheet HTML 3Page - Texas Instruments TPS2014D Datasheet HTML 4Page - Texas Instruments TPS2014D Datasheet HTML 5Page - Texas Instruments TPS2014D Datasheet HTML 6Page - Texas Instruments TPS2014D Datasheet HTML 7Page - Texas Instruments TPS2014D Datasheet HTML 8Page - Texas Instruments TPS2014D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS2014, TPS2015
POWER DISTRIBUTION SWITCHES
SLVS159B – DECEMBER 1996 – REVISED AUGUST 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
OUT
OC
IN
EN
GND
Current
Limit
Driver
UVLO
Charge
Pump
CS
Thermal
Sense
Power Switch
†
†Current Sense
TPS20xxY chip information
This chip, when properly assembled, displays characteristics similar to those of the TPS20xx. Ultrasonic
bonding may be used on the doped aluminium bonding pads. The chip may be mounted with conductive epoxy
or a gold-silicon preform.
91
74
CHIP THICKNESS: 15 TYPICAl
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
OUT
OUT
OUT
OC
GND
IN
IN
EN
TPS20xxY
(1)
(2)
(3)
(4)
(8)
(7)
(6)
(5)
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
BONDING PAD ASSIGNMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com