Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2014P Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2014P
Description  POWER DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014P Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2014P Datasheet HTML 9Page - Texas Instruments TPS2014P Datasheet HTML 10Page - Texas Instruments TPS2014P Datasheet HTML 11Page - Texas Instruments TPS2014P Datasheet HTML 12Page - Texas Instruments TPS2014P Datasheet HTML 13Page - Texas Instruments TPS2014P Datasheet HTML 14Page - Texas Instruments TPS2014P Datasheet HTML 15Page - Texas Instruments TPS2014P Datasheet HTML 16Page - Texas Instruments TPS2014P Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TPS2014, TPS2015
POWER DISTRIBUTION SWITCHES
SLVS159B – DECEMBER 1996 – REVISED AUGUST 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 13
–50
90
75
65
–25
0
25
50
TJ – Junction Temperature – °C
60
55
50
SUPPLY CURRENT, OUTPUT ENABLED
vs
JUNCTION TEMPERATURE
75
125
IO = 0 A
85
80
5.5 V
5 V
4.5 V
4 V
100
70
Figure 14
–50
7
5.5
4.5
–25
0
25
50
TJ – Junction Temperature – °C
4
3.5
3
SUPPLY CURRENT, OUTPUT DISABLED
vs
JUNCTION TEMPERATURE
75
125
6.5
6
VI = 5.5 V
100
5
VI = 5 V
VI = 4.5 V
VI = 4 V
Figure 15
4
80
70
4.25
4.5
4.75
5
VI – Input Voltage – V
65
60
55
SUPPLY CURRENT, OUTPUT ENABLED
vs
INPUT VOLTAGE
5.25
90
85
125
°C
5.5
75
–40
°C
Figure 16
4
6.8
5.6
4.8
4.25
4.5
4.75
5
4.4
4
3.6
SUPPLY CURRENT, OUTPUT DISABLED
vs
INPUT VOLTAGE
5.25
6.4
6
5.5
5.2
VI – Input Voltage – V
TJ = 125°C
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com