Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012AD Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2012AD
Description  POWER-DISTRIBUTION SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2012AD Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2012AD Datasheet HTML 12Page - Texas Instruments TPS2012AD Datasheet HTML 13Page - Texas Instruments TPS2012AD Datasheet HTML 14Page - Texas Instruments TPS2012AD Datasheet HTML 15Page - Texas Instruments TPS2012AD Datasheet HTML 16Page - Texas Instruments TPS2012AD Datasheet HTML 17Page - Texas Instruments TPS2012AD Datasheet HTML 18Page - Texas Instruments TPS2012AD Datasheet HTML 19Page - Texas Instruments TPS2012AD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 30
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
INPUT VOLTAGE
20
2.5
3
3.5
40
60
46
VI – Input Voltage – V
30
50
4.5
5
5.5
TJ = 25°C
TJ = 125°C
TJ = –40°C
IO = 0.18 A
Figure 31
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
20
–50
–25
0
40
60
25
150
TJ – Junction Temperature – °C
30
50
VI = 2.7 V
50
75
100
125
VI = 3.3 V
VI = 5.5 V
IO = 0.18 A
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
INPUT VOLTAGE
20
3
3.5
40
60
46
VI – Input Voltage – V
30
50
4.5
5
5.5
TJ = 25°C
TJ = 125°C
Figure 32
IO = 1.5 A
TJ = –40°C
Figure 33
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
20
–50
–25
0
40
60
25
150
TJ – Junction Temperature – °C
30
50
VI = 3.3 V
50
75
100
125
VI = 4 V
VI = 5.5 V
IO = 1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com