Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2043 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2043
Description  TRIPLE POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2043 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2043 Datasheet HTML 17Page - Texas Instruments TPS2043 Datasheet HTML 18Page - Texas Instruments TPS2043 Datasheet HTML 19Page - Texas Instruments TPS2043 Datasheet HTML 20Page - Texas Instruments TPS2043 Datasheet HTML 21Page - Texas Instruments TPS2043 Datasheet HTML 22Page - Texas Instruments TPS2043 Datasheet HTML 23Page - Texas Instruments TPS2043 Datasheet HTML 24Page - Texas Instruments TPS2043 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
TPS2043, TPS2053
TRIPLE POWER-DISTRIBUTION SWITCHES
SLVS191 – JANUARY 1999
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
USB power-distribution requirements
USB can be implemented in several ways, and, regardless of the type of USB device being developed, several
power distribution features must be implemented.
D Hosts/self-powered hubs must:
–
Current-limit downstream ports
–
Report overcurrent conditions on USB VBUS
D Bus-powered hubs must:
–
Enable/disable power to downstream ports
–
Power up at <100 mA
–
Limit inrush current (<44
Ω and 10 µF)
D Functions must:
–
Limit inrush currents
–
Power up at <100 mA
The feature set of the TPS2043 and TPS2053 allows them to meet each of these requirements. The integrated
current-limiting and overcurrent reporting is required by hosts and self-powered hubs. The logic-level enable
and controlled rise times meet the need of both input and output ports on bus-power hubs, as well as the input
ports for bus-power functions (see Figure 39).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com