Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2201 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2201
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2201 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2201 Datasheet HTML 1Page - Texas Instruments TPS2201 Datasheet HTML 2Page - Texas Instruments TPS2201 Datasheet HTML 3Page - Texas Instruments TPS2201 Datasheet HTML 4Page - Texas Instruments TPS2201 Datasheet HTML 5Page - Texas Instruments TPS2201 Datasheet HTML 6Page - Texas Instruments TPS2201 Datasheet HTML 7Page - Texas Instruments TPS2201 Datasheet HTML 8Page - Texas Instruments TPS2201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TPS2201, TPS2201Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR PARALLEL PCMCIA CONTROLLERS
SLVS094B – AUGUST 1994 – REVISED AUGUST 1995
Copyright
© 1995, Texas Instruments Incorporated
6–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Fully Integrated V
CC and Vpp Switching for
Dual-Slot PC Card Interface
• Compatible With Controllers From Cirrus,
Intel, and Texas Instruments
• Meets PCMCIA Standards
• Internal Charge Pump (No External
Capacitors Required) – 12-V Supply Can Be
Disabled Except for Programming
• Short Circuit and Thermal Protection
• Space Saving SSOP (DB) Package
• Compatible With 3.3-V, 5-V and 12-V PC
Cards
• Power Saving I
DD = 83 µA Typ, IQ = 1 µA
• Low r
DS(on) (160-mΩ VCC Switch)
• Break-Before-Make Switching
description
The TPS2201 PC Card (PCMCIA) power interface switch provides an integrated power-management solution
for two PC Cards. All of the discrete power MOSFETs, a logic section, current limiting, thermal protection, and
power-good reporting for PC Card control are combined on a single integrated circuit (IC), using Texas
Instruments LinBiCMOS
™ process. The circuit allows the distribution of 3-V, 5-V and/or 12-V card power and
is compatible with most PCMCIA controllers. The current-limiting feature eliminates the need for fuses, which
reduces component count and improves reliability; current-limit reporting can help the user isolate a system fault
to a bad card.
The TPS2201 maximizes battery life by generating its own switch-drive voltage using an internal charge pump.
Therefore, the 12-V supply can be powered down and only brought out of standby when flash memory needs
to be written to or erased. End equipment for the TPS2201 includes notebook computers, desktop computers,
personal digital assistants (PDAs), digital cameras, handiterminals, and bar-code scanners.
typical PC card power distribution application
CPU
PCMCIA
Controller
12 V
Power Supply
Vpp1
Vpp2
VCC
VCC
PC
Card A
VDD
TPS2201
5 V
3 V
SHDN
BPWR_GOOD
OC
Control Lines
8
Vpp1
Vpp2
VCC
VCC
PC
Card B
12V
5V
3V
AVPP
AVCC
AVCC
BVPP
BVCC
BVCC
APWR_GOOD
BVCC
AVCC
LinBiCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
5V
5V
A_VPP_PGM
A_VPP_VCC
A_VCC5
A_VCC3
12V
AVPP
AVCC
AVCC
AVCC
GND
APWR_GOOD
SHDN
3V
5V
B_VPP_PGM
B_VPP_VCC
B_VCC5
B_VCC3
VDD
12V
BVPP
BVCC
BVCC
BVCC
BPWR_GOOD
OC
3V
3V
DB OR DF PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS2201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2201IDBLE TI-TPS2201IDBLE Datasheet
922Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201IDBR TI-TPS2201IDBR Datasheet
922Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201IDBRG4 TI-TPS2201IDBRG4 Datasheet
922Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201IDFLE TI-TPS2201IDFLE Datasheet
922Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
More results

Similar Description - TPS2201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI-TPS2211 Datasheet
323Kb / 22P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com