Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2202 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2202
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2202 Datasheet HTML 1Page - Texas Instruments TPS2202 Datasheet HTML 2Page - Texas Instruments TPS2202 Datasheet HTML 3Page - Texas Instruments TPS2202 Datasheet HTML 4Page - Texas Instruments TPS2202 Datasheet HTML 5Page - Texas Instruments TPS2202 Datasheet HTML 6Page - Texas Instruments TPS2202 Datasheet HTML 7Page - Texas Instruments TPS2202 Datasheet HTML 8Page - Texas Instruments TPS2202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TPS2202, TPS2202Y
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES
FOR SERIAL PCMCIA CONTROLLERS
SLVS103A – DECEMBER 1994 – REVISED AUGUST 1995
Copyright
© 1995, Texas Instruments Incorporated
6–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Fully Integrated V
CC and Vpp Switching for
Dual-Slot PC Card Interface
• Saves PCMCIA Controller I/O Leads by
Utilizing 3-Lead Serial Interface
• Meets PCMCIA Standards
• Internal Charge Pump (No External
Capacitors Required) – 12-V Supply Can Be
Disabled Except for Flash Programming
• Short Circuit and Thermal Protection
• Space-Saving 30-Pin SSOP(DB) Package
• Compatible With 3.3-V, 5-V and 12-V PC
Cards
• Power Saving I
DD = 83 µA Typ, IQ = 1 µA
• Low r
DS(on) (160-mΩ VCC Switch)
• Break-Before-Make Switching
• ESD Protection Up to 2 kV Per
Mil-STD-883C, Method 3015
description
The TPS2202 PC Card (PCMCIA) power-interface switch provides an integrated power-management solution
for two PC Cards. All of the discrete power MOSFETs, a logic section, current limiting, thermal protection, and
power-good reporting for PC Card control are combined on a single integrated circuit (IC), using Texas
Instruments LinBiCMOS
™ process. The circuit allows the distribution of 3-V, 5-V, and/or 12-V card power by
means of a reduced I/O serial interface. The current-limiting feature eliminates the need for fuses, which reduces
component count and improves reliability; current-limit reporting can help the user isolate a system fault to a
bad card.
The TPS2202 maximizes battery life by using an internal charge pump to generate its own switch-drive voltage.
Therefore, the 12-V supply can be powered down and only brought out of standby when flash memory needs
to be written to or erased. End equipment for the TPS2202 includes notebook computers, desktop computers,
personal digital assistants (PDAs), digital cameras, handiterminals, and bar-code scanners.
typical PC-card power-distribution application
PCMCIA
Controller
12 V
Power Supply
Vpp1
Vpp2
VCC
VCC
PC
Card A
VDD
TPS2202
5 V
3 V
BPWR_GOOD
OC
Serial Interface
3
Vpp1
Vpp2
VCC
VCC
PC
Card B
12V
5V
3V
AVPP
AVCC
AVCC
BVPP
BVCC
BVCC
APWR_GOOD
BVCC
AVCC
LinBiCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
5V
5V
DATA
CLOCK
LATCH
NC
12V
AVPP
AVCC
AVCC
AVCC
GND
APWR_GOOD
NC
3V
5V
NC
NC
NC
NC
VDD
12V
BVPP
BVCC
BVCC
BVCC
BPWR_GOOD
OC
3V
3V
DB OR DF PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS2202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AI TI-TPS2202AI Datasheet
358Kb / 23P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDB TI-TPS2202AIDB Datasheet
358Kb / 23P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDB TI1-TPS2202AIDB Datasheet
656Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDBG4 TI1-TPS2202AIDBG4 Datasheet
656Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results

Similar Description - TPS2202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220A TI1-TPS2220A_13 Datasheet
1Mb / 31P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com