Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2205 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2205
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2205 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2205 Datasheet HTML 17Page - Texas Instruments TPS2205 Datasheet HTML 18Page - Texas Instruments TPS2205 Datasheet HTML 19Page - Texas Instruments TPS2205 Datasheet HTML 20Page - Texas Instruments TPS2205 Datasheet HTML 21Page - Texas Instruments TPS2205 Datasheet HTML 22Page - Texas Instruments TPS2205 Datasheet HTML 23Page - Texas Instruments TPS2205 Datasheet HTML 24Page - Texas Instruments TPS2205 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TPS2205
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS128D OCTOBER 1995 – REVISED JUNE 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
A_VPP_PGM
A_VPP_VCC
A_VCC5
A_VCC3
B_VPP_PGM
B_VPP_VCC
B_VCC5
B_VCC3
D0–D7
SHDN
Internal
Current Monitor
Controller
Thermal
Vpp1
Vpp2
VCC
VCC
VCC
VCC
Vpp1
22
23
21
20
11
10
8
12V
5V
12V
5V
5V
3.3V
3.3V
3.3V
24
30
7
2
1
17
16
15
14
S6
S5
S4
S3
S2
S1
S12
S11
S10
S9
S8
S7
TPS2205
Card A
Card B
Vpp2
9
GND
12
3
4
5
6
29
28
27
26
51
17
52
18
51
17
52
18
CS
CS
CS
CS
CPU
OC
18
See Note A
See Note A
NOTE A: MOSFET switches S9 and S12 have a back-gate diode from the source to the drain. Unused switch inputs ;should never be grounded.
Figure 31. Internal Switching Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com