Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2211 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2211
Description  SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2211 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2211 Datasheet HTML 1Page - Texas Instruments TPS2211 Datasheet HTML 2Page - Texas Instruments TPS2211 Datasheet HTML 3Page - Texas Instruments TPS2211 Datasheet HTML 4Page - Texas Instruments TPS2211 Datasheet HTML 5Page - Texas Instruments TPS2211 Datasheet HTML 6Page - Texas Instruments TPS2211 Datasheet HTML 7Page - Texas Instruments TPS2211 Datasheet HTML 8Page - Texas Instruments TPS2211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TPS2211
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH
FOR PARALLEL PCMCIA CONTROLLERS
SLVS156E – JULY 1997 – REVISED JANUARY 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fully Integrated VCC and Vpp Switching for
Single-Slot PC Card
 Interface
D Low rDS(on) (90-mΩ 5-V VCC Switch and
3.3-V VCC Switch)
D Compatible With Controllers From Cirrus,
Ricoh, O2Micro, Intel, and Texas
Instruments
D 3.3-V Low-Voltage Mode
D Meets PC Card Standards
D 12-V Supply Can Be Disabled Except
During 12-V Flash Programming
D Short-Circuit and Thermal Protection
D Space-Saving 16-Pin SSOP (DB)
D Compatible With 3.3-V, 5-V, and 12-V
PC Cards
D Break-Before-Make Switching
description
The TPS2211 PC Card power-interface switch provides an integrated power-management solution for a single
PC Card. All of the discrete power MOSFETs, a logic section, current limiting, and thermal protection for PC Card
control are combined on a single integrated circuit, using the Texas Instruments LinBiCMOS
 process. The
circuit allows the distribution of 3.3-V, 5-V, and/or 12-V card power, and is compatible with many PCMCIA
controllers. The current-limiting feature eliminates the need for fuses, which reduces component count and
improves reliability. Current-limit reporting can help the user isolate a system fault to the PC Card.
The TPS2211 features a 3.3-V low-voltage mode that allows for 3.3-V switching without the need for 5 V. Bias
power can be derived from either the 3.3-V or 5-V inputs. This facilitates low-power system designs such as
sleep mode and pager mode where only 3.3 V is available.
End equipment for the TPS2211 includes notebook computers, desktop computers, personal digital assistants
(PDAs), digital cameras, and bar-code scanners.
AVAILABLE OPTIONS
PACKAGED DEVICE
CHIP FORM
TA
SMALL OUTLINE
(DB)
CHIP FORM
(Y)
–40
°C to 85°C
TPS2211IDBR
TPS2211Y
The DB package is only available taped and reeled, indicated by the
R suffix on the device type.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PC Card is a trademark of PCMCIA (Personal Computer Memory Card International Association).
LinBiCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCCD0
VCCD1
3.3V
3.3V
5V
5V
GND
OC
SHDN
VPPD0
VPPD1
AVCC
AVCC
AVCC
AVPP
12V
DB PACKAGE
(TOP VIEW)


Similar Part No. - TPS2211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2211 TI1-TPS2211 Datasheet
661Kb / 23P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211 Datasheet
661Kb / 23P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI2-TPS2211 Datasheet
443Kb / 24P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
REVISED JANUARY 2001
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A Datasheet
879Kb / 28P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
More results

Similar Description - TPS2211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2201 TI-TPS2201 Datasheet
478Kb / 23P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2211A TI-TPS2211A Datasheet
454Kb / 19P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2211 TI1-TPS2211_12 Datasheet
661Kb / 23P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2211A TI1-TPS2211A_16 Datasheet
879Kb / 28P
SINGLE-SLOT PC CARD POWER INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com