Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2214 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2214
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2214 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2214 Datasheet HTML 1Page - Texas Instruments TPS2214 Datasheet HTML 2Page - Texas Instruments TPS2214 Datasheet HTML 3Page - Texas Instruments TPS2214 Datasheet HTML 4Page - Texas Instruments TPS2214 Datasheet HTML 5Page - Texas Instruments TPS2214 Datasheet HTML 6Page - Texas Instruments TPS2214 Datasheet HTML 7Page - Texas Instruments TPS2214 Datasheet HTML 8Page - Texas Instruments TPS2214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS2214
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS206A – JULY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fully Integrated xVCC and xVPP Switching
D xVPP Programmed Independent of xVCC
D 3.3-V, 5-V, and/or 12-V Power Distribution
D Low rDS(on) (60-mΩ xVCC Switch Typical)
D Short Circuit and Thermal Protection
D 150-µA (Maximum) Quiescent Current
D Standby Mode: 50-mA Current Limit (Typ)
D 12-V Supply Can Be Disabled
D 3.3-V Low-Voltage Mode
D Meets PC Card™ Standards
D TTL-Logic Compatible Inputs
D Break-Before-Make Switching
D Internal Power-On Reset
description
The TPS2214 PC Card power-interface switch provides an integrated power-management solution for two PC
Cards. All of the discrete power MOSFETs, a logic section, current limiting, and thermal protection for PC Card
control are combined on a single integrated circuit. This device allows the distribution of 3.3-V, 5-V, and/or 12-V
power to the card. The current-limiting feature eliminates the need for fuses. Current-limit reporting can help
the user isolate a system fault.
The TPS2214 features a 3.3-V low-voltage mode that allows for 3.3-V switching without the need for 5-V power.
This feature facilitates low-power system designs such as sleep modes where only 3.3 V is available. This
device also has the ability to program the xVPP outputs independent of the xVCC outputs. A standby mode that
changes all output-current limits to 50 mA (typical) has been incorporated.
End-equipment applications for the TPS2214 include: notebook computers, desktop computers, personal
digital assistants (PDAs), digital cameras, and bar-code scanners.
AVAILABLE OPTIONS
PACKAGED DEVICES†
TJ
PLASTIC SMALL OUTLINE
(DB)
–40
°C to 125°C
TPS2214DB(R)
† The DB package is available in tubes and left-end
taped and reeled. Add R suffix to device type (e.g.,
TPS2214DBR) for taped and reeled.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PC Card is a trademark of PCMCIA (Personal Computer Memory Card International Association).
NC – No internal connection
† The TPS2214 is identical to the TPS2216 in all respects
except packaging and pin assignments.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
5V
5V
DATA
CLOCK
LATCH
RESET
12V
AVPP
AVCC
AVCC
GND
RESET
5V
NC
MODE
NC
12V
BVPP
BVCC
BVCC
STBY
OC
3.3V
3.3V
DB PACKAGE
(TOP VIEW)


Similar Part No. - TPS2214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2214 TI-TPS2214 Datasheet
447Kb / 29P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
389Kb / 27P
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
380Kb / 27P
LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
447Kb / 29P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
389Kb / 27P
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2214

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
380Kb / 27P
LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com