Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP8860 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP8860
Description  Charge Pump, 7-Channel Smart LED Driver with I2C Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP8860 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP8860 Datasheet HTML 17Page - Analog Devices ADP8860 Datasheet HTML 18Page - Analog Devices ADP8860 Datasheet HTML 19Page - Analog Devices ADP8860 Datasheet HTML 20Page - Analog Devices ADP8860 Datasheet HTML 21Page - Analog Devices ADP8860 Datasheet HTML 22Page - Analog Devices ADP8860 Datasheet HTML 23Page - Analog Devices ADP8860 Datasheet HTML 24Page - Analog Devices ADP8860 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
ADP8860
Rev. 0 | Page 21 of 52
SCx_EN
Program all fade, on, and off timers before enabling any of the
LED current sinks. If ISCx is on during a blink cycle and
SCx_EN is cleared, it turns off (or fades to off if fade out is
enabled). If ISCx is off during a blink cycle and SCx_EN is
cleared, it stays off.
MAX
SCx
CURRENT
FADE-IN
FADE-OUT FADE-IN
FADE-OUT
ON TIME
ON TIME
OFF
TIME
OFF
TIME
SET BY USER
Figure 41. Independent Sink Blink Mode with Fading
SHORT-CIRCUIT PROTECTION MODE
The ADP8860 can protect against short circuits on the output
(VOUT). Short-circuit protection (SCP) is activated at the point
when VOUT < 55% of VIN. Note that this SCP sensing is disabled
during both start-up and restart attempts (fault recovery). SCP
sensing reenables 4 ms (typical) after activation. During a short-
circuit fault, the device enters a low current consumption state
and an interrupt flag is set. The device can be restarted at any
time after receiving a short-circuit fault by simply rewriting
nSTBY = 1. It then repeats another complete soft start sequence.
Note that the value of the output capacitance (COUT) should be
small enough to allow VOUT to reach approximately 55%
(typical) of VIN within the 4 ms (typical) time. If COUT is too
large, the device inadvertently enters short-circuit protection.
OVERVOLTAGE PROTECTION
Overvoltage protection (OVP) is implemented on the output.
There are two types of overvoltage events: normal (no fault) and
abnormal (from a fault or sudden load change).
Normal Overvoltage
In a normal (no fault) overvoltage, the output voltage approaches
VOUT(REG) (4.9 V typical) during normal operation. This is not
caused by a fault or load change, but it is simply a consequence
of the input voltage times the gain reaching the same level as the
clamped output voltage (VOUT(REG)). To prevent this type of over-
voltage, the ADP8860 detects when the output voltage rises to
VOUT(REG). It then increases the effective ROUT of the gain stage to
reduce the voltage that is delivered. This effectively regulates
VOUT to VOUT(REG); however, there is a limit to the effect that this
system can have on regulating VOUT. It is designed only for normal
operation and it is not intended to protect against faults or sudden
load changes. When the output voltage is regulated to VOUT(REG)
no interrupt is set and the operation is transparent to the LEDs
and the overall application.
Abnormal Overvoltage
Because of the open-loop behavior of the charge pump as well
as how the gain transitions are computed, a sudden load change
or fault can abnormally force VOUT beyond 6 V. This causes an
abnormal overvoltage situation. If the event happens slowly
enough, the system first tries to regulate the output to 4.9 V as
in a normal overvoltage scenario. However, if this is not
sufficient, or if the event happens too quickly, then the
ADP8860 enters overvoltage protection (OVP) mode when
VOUT exceeds the OVP threshold (typically 5.8 V). In the OVP
mode, only the charge pump is disabled to prevent VOUT from
rising too high. The current sources and all other device
functionality remain intact. When the output voltage falls by
about 500 mV (to 5.3 V typical), the charge pump resumes
operation. If the fault or load step recurs, the process may
repeat. An interrupt flag is set at each OVP instance.
THERMAL SHUTDOWN/OVERTEMPERATURE
PROTECTION
If the die temperature of the ADP8860 rises above a safe limit
(150°C typical), the controllers enter thermal shutdown (TSD)
protection mode. In this mode, most of the internal functions
shut down, the part enters standby, and the TSD_INT interrupt
is set. When the die temperature decreases below ~130°C, the
part can be restarted. To restart the part, simply remove it from
standby. No interrupt is generated when the die temperature
falls below 130°C. However, if the software clears the pending
TSD_INT interrupt and the temperature remains above 130°C,
another interrupt is generated.
The complete state machine for these faults (SCP, OVP, and
TSD) is shown in Figure 42.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com