Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2216 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2216
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2216 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2216 Datasheet HTML 1Page - Texas Instruments TPS2216 Datasheet HTML 2Page - Texas Instruments TPS2216 Datasheet HTML 3Page - Texas Instruments TPS2216 Datasheet HTML 4Page - Texas Instruments TPS2216 Datasheet HTML 5Page - Texas Instruments TPS2216 Datasheet HTML 6Page - Texas Instruments TPS2216 Datasheet HTML 7Page - Texas Instruments TPS2216 Datasheet HTML 8Page - Texas Instruments TPS2216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TPS2216
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
FOR SERIAL PCMCIA CONTROLLERS
SLVS179C – MARCH 1999 – REVISED JULY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Fully Integrated xVCC and xVPP Switching
D xVPP Programmed Independent of xVCC
D 3.3-V, 5-V, and/or 12-V Power Distribution
D Low rDS(on) (60-mΩ xVCC Switch Typical)
D Short Circuit and Thermal Protection
D 150-µA (maximum) Quiescent Current
D Standby Mode: 50-mA Current Limit (Typ)
D 12-V Supply Can Be Disabled
D 3.3-V Low-Voltage Mode
D Meets PC Card™ Standards
D TTL-Logic Compatible Inputs
D Available in 30-Pin SSOP (DB) and 32-Pin
TSSOP (DAP) Packages
D Break-Before-Make Switching
D Internal Power-On Reset
description
The TPS2216 PC Card power-interface switch
provides
an
integrated
power-management
solution for two PC Cards. All of the discrete
power MOSFETs, a logic section, current limiting,
and thermal protection for PC Card control are
combined on a single integrated circuit. This
device allows the distribution of 3.3-V, 5-V, and/
or 12-V power to the card. The current-limiting
feature eliminates the need for fuses. Current-
limit reporting can help the user isolate a system
fault.
The TPS2216 features a 3.3-V low-voltage mode
that allows for 3.3-V switching without the need for
5-V power. This feature facilitates low-power
system designs such as sleep modes where only
3.3 V is available. This device also has the ability
to program the xVPP outputs independent of the
xVCC outputs. A standby mode that changes all
output-current limits to 50 mA (typical) has been
incorporated.
End-equipment applications for the TPS2216 include: notebook computers, desktop computers, personal
digital assistants (PDAs), digital cameras, and bar-code scanners.
The TPS2216 is backward-compatible with the TPS2202A and TPS2206.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PC Card is a trademark of PCMCIA (Personal Computer Memory Card International Association).
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
5V
5V
NC
DATA
CLOCK
LATCH
RESET
12V
AVPP
AVCC
AVCC
AVCC
GND
RESET
NC
3.3V
5V
NC
MODE
NC
NC
NC
NC
12V
BVPP
BVCC
BVCC
BVCC
OC
STBY
3.3V
3.3V
DAP PACKAGE†
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
5V
5V
DATA
CLOCK
LATCH
RESET
12V
AVPP
AVCC
AVCC
AVCC
GND
NC
RESET
3.3V
5V
MODE
NC
NC
NC
NC
12V
BVPP
BVCC
BVCC
BVCC
STBY
OC
3.3V
3.3V
DB PACKAGE†
(TOP VIEW)
† The TPS2216 is identical to the TPS2214 in all respects
except packaging and pin assignments.


Similar Part No. - TPS2216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2216 TI-TPS2216 Datasheet
447Kb / 29P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
389Kb / 27P
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI-TPS2216 Datasheet
1,001Kb / 37P
POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI1-TPS2216 Datasheet
973Kb / 34P
PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI1-TPS2216 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Similar Description - TPS2216

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2205 TI-TPS2205 Datasheet
463Kb / 28P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
380Kb / 27P
LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2228 TI-TPS2228 Datasheet
175Kb / 23P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
TPS2205 TI1-TPS2205_13 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR PARALLEL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2228 TI1-TPS2228_16 Datasheet
1Mb / 34P
PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com